| Electronic Components Datasheet Search |
|
ML6461 Datasheet(PDF) 21 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6461 Datasheet(HTML) 21 Page - Micro Linear Corporation |
|
21 / 30 page ![]() ML6461 21 FUNCTIONAL DESCRIPTION (Continued) CC_284, B18 This bit enables (B18=1) and disables (B18=0) the transmission of closed caption data on line 284. FSYNC, B17 This bit enables (B17=1) and disables (B17=0) frame syncing. OVERLAY_ON, B16 This bit enables (B16=1) and disables (B17=0) the PHERR pin to be used as an interface to set the internal subcarrier oscillator’s phase and frequency. SENSE_HSYNC, B15 This bit selects the polarity of the HSYNC active edge to a rising edge (if B15=1) or a falling edge (if B15=0). This bit is active in master modes or in external slave modes. In internal slave modes HSYNC is configured as an output to be used for monitoring purposes. The polarity is still affected by this bit. SEL_HSYNC1, B14 This bit, in conjunction with SEL_HSYNC0 (B13), is used to facilitate pixel synchronization. Figures 4, 5, 7, and 8 provide a detailed description. This bit is only active in master modes or in external slave modes. This bit is de-activated in internal slave modes. SEL_HSYNC0, B13 This bit, in conjunction with SEL_HSYNC1 (B14), is used to facilitate pixel synchronization. Figures Figures 4, 5, 7, and 8 provide a detailed description. This bit is only active in master modes or in external slave modes. This bit is de-activated in internal slave modes. SWITCH_UV, B12 This bit is used to switch Cr and Cb internally when set (B12=1). This bit is cleared (B12=0) for normal operation. This bit is intended for debug purposes only. If used, there may be some slight artifacts at the end of active line. SWITCH_FIELD, B11 This bit is used to switch even/odd fields when set (B11=1). This bit is cleared (B12=0) for normal operation. This bit is only active in internal slave mode. SENSE_VSYNC, B10 This bit selects the polarity of the VSYNC active edge to a rising edge (if B10=1) or a falling edge (if B10=0). In internal slave modes VSYNC is configured as an output to be used for monitoring purposes. The polarity is still affected by this bit. FLD_FRM_MODE, B9 When set (B9=1), it causes the ML6461 FIELD pin to give analog field information if the FIELD pin is configured as an output (see B8). When cleared (B9=0), it causes the field pin to give odd/even field information if the FIELD pin is configured as an output (see B8). FRAME_MODE, B8 This bit configures the FIELD pin of the ML6461 as an input (if B8=1) or as an output (if B8=0). YDEL1, B7 This bit, in conjunction with YDEL0 (B6), is used to select luma delay in order to align luma and chroma data. See Table 5. YDEL0, B6 This bit, in conjunction with YDEL1 (B7), is used to select luma delay in order to align luma and chroma data. See Table 5. BURST_ON, B5 When active (B5=1) this bit provides burst at all times for testing purposes only. For normal operation this bit is cleared (B5=0). ACTIVE_ON, B4 When active (B4=1) this bit eliminates horizontal and vertical blanking intervals. Burst is suppressed. For testing purposes only. For normal operation this bit is cleared (B4=0). FIX_SCH, B3 When active (B3=1) this bit maintains SCH phase. In this condition known as a “coherent subcarrier” such that the subcarrier has a known phase relative to the active edge of HSYNC pulse. When this bit is cleared (B3=0), the subcarrier generation block is in free run mode. This condition is known as “incoherent subcarrier” where the phase of the subcarrier relative to the HSYNC is not fixed. CC_ALL, B2 When active (B2=1) this bit enables closed caption transmission on every line. For testing purposes only. For normal operation this bit is cleared (B2=0) and closed caption is enabled through control register bits CC_21 (B19) and CC_284 (B18). SUBCARRIER_OFF, B1 When active (B1=1) this bit disables the internal subcarrier oscillator. Used for test purposes only. For normal operation this bit is cleared (B1=0). AC_DC, B0 This bit configures the output buffers for AC coupled drive (if B0=1) and DC couple drive (if B0=0). Table 5. Luma Delay Selection YDEL1 YDEL0 OPERATION (B7) (B6) 0 0 Normal 0 1 Delay Luma Channel by 1 TCLK 1 0 Advance Luma Channel by 1 TCLK 1 1 Advance Luma Channel by 2 TCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |