Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6509CT Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6509CT
Description  Active SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6509CT Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6509CT Datasheet HTML 2Page - Micro Linear Corporation ML6509CT Datasheet HTML 3Page - Micro Linear Corporation ML6509CT Datasheet HTML 4Page - Micro Linear Corporation ML6509CT Datasheet HTML 5Page - Micro Linear Corporation ML6509CT Datasheet HTML 6Page - Micro Linear Corporation ML6509CT Datasheet HTML 7Page - Micro Linear Corporation ML6509CT Datasheet HTML 8Page - Micro Linear Corporation ML6509CT Datasheet HTML 9Page - Micro Linear Corporation ML6509CT Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ML6509
This is a very important characteristic that the terminator
helps overcome by increasing the noise margin and
boosting the step as high as possible. This capability for
the ML6509 implementation is illustrated in the attached
simulation graphs which show the terminator performance
under different cable impedance situations and a
comparison is shown with the standard Boulay terminator,
under identical conditions.
TERMPWR
NC
NC
GND
DISCNKT
LPWR
L1
L2
ML6509
TERMPWR
NC
NC
GND
DISCNKT
LPWR
L1
L2
L9
L8
L7
VREF
L6
L5
L4
L3
ML6509
L9
L8
L7
VREF
L6
L5
L4
L3
0.1
µF10µF
10
µF
0.1
µF
10
µF
1
50 Pin SCSI Header Connector
Two Position
DIP Switch
2
2.0V
0.8V
V1(2) = 796.9mV
V2(2) = 2.0V
∆V(2) = 1.203V
Figure 4. Transient Response (Actual)
(Approximately 110
W, 10 feet long, ribbon cable stock)
Figure 5. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com