Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6554 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML6554
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML6554 Datasheet HTML 1Page - Micro Linear Corporation ML6554 Datasheet HTML 2Page - Micro Linear Corporation ML6554 Datasheet HTML 3Page - Micro Linear Corporation ML6554 Datasheet HTML 4Page - Micro Linear Corporation ML6554 Datasheet HTML 5Page - Micro Linear Corporation ML6554 Datasheet HTML 6Page - Micro Linear Corporation ML6554 Datasheet HTML 7Page - Micro Linear Corporation ML6554 Datasheet HTML 8Page - Micro Linear Corporation ML6554 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML6554
2
NOVEMBER, 1999
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1VDD
Digital supply voltage
2PVDD1
Voltage supply for internal power
transistors
3VL1
Output voltage/ inductor connection
4PGND1
Ground for output power transistors
5PGND2
Ground for output power transistors
6VL2
Output voltage/inductor connection
7PVDD2
Voltage supply for internal power
transistors
8DGND
Digital ground
PIN
NAME
FUNCTION
9VDD
Digital supply voltage
10
VFB
Input for external compensation
feedback
11
VREFIN
Input for external reference voltage
12
SHDN
Shutdown active low. CMOS input
level
13
AGND
Ground for internal reference voltage
divider
14
VREFOUT
Reference voltage output
15
VCCQ
Voltage reference for internal voltage
divider
16
AVCC
Analog voltage supply
ML6554
16-Pin PSOP (U16)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
VDD
PVDD1
VL1
PGND1
PGND2
VL2
PVDD2
DGND
AVCC
VCCQ
VREFOUT
AGND
SHDN
VREFIN
VFB
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com