Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4971 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4971
Description  C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4971 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4971 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4971 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4971 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .720 inch D
Hole
Configuration
Connector
C Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.325 [33.66]
Width/Dia., in [mm]
1 [25.40]
.
Weight, lbs [g]
0.103 [46.72]
Connector
Type
C Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal,
.720 inch D Hole PE4971
PE4971
PE4971 REV 01
C Female Bulkhead Hermetically Sealed Connector Solder
Attachment Solder Cup Terminal, .720 inch D Hole


Similar Part No. - PE4971

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4970 PASTERNACK-PE4970 Datasheet
265Kb / 2P
C Female Connector Clamp/Solder Attachment 4 Hole Flange For RG59, RG62, .718 inch Hole Spacing
PE4972 PASTERNACK-PE4972 Datasheet
258Kb / 3P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole, High Voltage
PE4973 PASTERNACK-PE4973 Datasheet
221Kb / 3P
C Female Bulkhead Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4971

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240 Datasheet
241Kb / 2P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE4972 PASTERNACK-PE4972 Datasheet
258Kb / 3P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole, High Voltage
PE4137 PASTERNACK-PE4137 Datasheet
258Kb / 3P
N Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .640 inch DD Hole
PE4500 PASTERNACK-PE4500 Datasheet
217Kb / 3P
SHV Jack Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4105 PASTERNACK-PE4105 Datasheet
206Kb / 2P
3/4 inch-20 Twinax Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE44097 PASTERNACK-PE44097 Datasheet
205Kb / 2P
C Male Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4014 PASTERNACK-PE4014 Datasheet
251Kb / 2P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015 Datasheet
263Kb / 3P
BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4311 PASTERNACK-PE4311 Datasheet
243Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .380 inch DD Hole
PE4495 PASTERNACK-PE4495 Datasheet
217Kb / 2P
MHV Female Bulkhead Hermetically Sealed Connector Solder Attachment Solder Cup Terminal, .480 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com