Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1330EDL Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI1330EDL
Description  N-Channel 60 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1330EDL Datasheet(HTML) 2 Page - Vishay Telefunken

  SI1330EDL Datasheet HTML 1Page - Vishay Telefunken SI1330EDL Datasheet HTML 2Page - Vishay Telefunken SI1330EDL Datasheet HTML 3Page - Vishay Telefunken SI1330EDL Datasheet HTML 4Page - Vishay Telefunken SI1330EDL Datasheet HTML 5Page - Vishay Telefunken SI1330EDL Datasheet HTML 6Page - Vishay Telefunken SI1330EDL Datasheet HTML 7Page - Vishay Telefunken SI1330EDL Datasheet HTML 8Page - Vishay Telefunken SI1330EDL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72861
S10-0721-Rev. B, 29-Mar-10
Vishay Siliconix
Si1330EDL
Notes:
a. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
a
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1
2.0
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 1
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currentb
ID(on)
VGS = 10 V, VDS = 7.5 V
0.5
A
VGS = 4.5 V, VDS = 10 V
0.4
VGS = 3 V, VDS = 10 V
0.05
Drain-Source On-Resistanceb
RDS(on)
VGS = 10 V, ID = 0.25 A
1.0
2.5
Ω
VGS = 4.5 V, ID = 0.2 A
1.4
3
VGS = 3 V, ID = 0.025 A
3.0
8
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.25 A
350
mS
Diode Forward Voltage
VSD
IS = 0.23 A, VGS = 0 V
0.83
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V
ID ≅ 0.25 A
0.4
0.6
nC
Gate-Source Charge
Qgs
0.11
Gate-Drain Charge
Qgd
0.15
Gate Resistance
Rg
173
Ω
Turn-On Time
td(on)
VDD = 30 V, RL = 150 Ω
ID ≅ 0.2 A, VGEN = 10 V
Rg = 10 Ω
3.8
10
ns
tr
4.8
15
Turn-Off Time
td(off)
12.8
20
tf
9.6
15
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V, 7 V
3 V
5 V
4 V
6 V
Transfer Characteristics
012345
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
1.0
0.8
0.6
0.2
0
0.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com