Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6672 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6672
Description  ATM UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6672 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6672 Datasheet HTML 1Page - Micro Linear Corporation ML6672 Datasheet HTML 2Page - Micro Linear Corporation ML6672 Datasheet HTML 3Page - Micro Linear Corporation ML6672 Datasheet HTML 4Page - Micro Linear Corporation ML6672 Datasheet HTML 5Page - Micro Linear Corporation ML6672 Datasheet HTML 6Page - Micro Linear Corporation ML6672 Datasheet HTML 7Page - Micro Linear Corporation ML6672 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML6672
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Outputs (SD±, RXOUT±, TPOUT±) (Continued)
TPOUT+, TPOUT–
Differential Output Current HIGH
VOUT = VCC ± 0.5, Note 4
19.0
21.0
mA
TPOUT+, TPOUT–
DifferentialOutput Current LOW
VOUT = VCC ± 0.5, Note 4
0
0.1
mA
TPOUT+, TPOUT–
Output Current Offset
Note 3
0.5
mA
TPOUT+, TPOUT–VOUT = VCC
Output Amplitude Error
Note 3, 4
–5.0
5.0
%
TPOUT+, TPOUT–VOUT = VCC ±1.1V
Output Voltage Compliance
–2.0
+2.0
%
AC Characteristics
TPOUT+, TPOUT–
Rise/Fall Time
Note 2
1.5
2.0
2.5
ns
TPOUT+, TPOUT–
Output Jitter
Note 2
0.5
ns
RXOUT+, RXOUT–
Rise/Fall Time
Note 2
5
ns
RXOUT+, RXOUT–
Output Jitter
Note 2
2.0
ns
Note 1.
Absolute maximum ratings are limits beyond which the life of the integrated circuit may be impaired. All voltages unless otherwise specified are measured with
respect to ground.
Note 2.
Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 3.
Low Duty cycle pulse testing is performed at TA.
Note 4.
Output current amplitude is determined by IOUT = 64 x 1.25V/RTSET.
Note 5.
Output voltage levels are specified when terminated by 50
W to VCC-2V or equivalent load.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com