Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6674 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6674
Description  ATM 155Mbps UTP Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6674 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6674 Datasheet HTML 1Page - Micro Linear Corporation ML6674 Datasheet HTML 2Page - Micro Linear Corporation ML6674 Datasheet HTML 3Page - Micro Linear Corporation ML6674 Datasheet HTML 4Page - Micro Linear Corporation ML6674 Datasheet HTML 5Page - Micro Linear Corporation ML6674 Datasheet HTML 6Page - Micro Linear Corporation ML6674 Datasheet HTML 7Page - Micro Linear Corporation ML6674 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML6674
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = 5V ±5%, RTSET = 2.0ký. (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
Supply Current
RVCCD
74
mA
RVCCA
65
mA
TVCCD
14
mA
TVCCA
6mA
RVCCD + RVCCA + TVCCD + TVCCA
185
mA
TTL Inputs (TXOFF, LPBK)
VIL Input Low Voltage
0.8
V
VIH Input High Voltage
2.0
V
Differential Inputs (TPIN±, TXIN±)
TPIN+, TPIN–
Common Mode Input Voltage
2.2
VCC
V
TPIN+, TPIN–
Differential Input Voltage
1.5
V
TPIN+, TPIN–
Differential Input Resistance
10
k
W
TPIN+, TPIN–
Common Mode Input Current
+10
µA
TXIN+, TXIN–
Input Voltage HIGH (VIH)VCC–1.165
VCC–0.88
V
TXIN+, TXIN–
Input Voltage LOW (VIL)VCC–1.810
VCC–1.475
V
TXIN+, TXIN–
Input Current LOW (IIL)
0.5
µA
TXIN+, TXIN–
Input Current HIGH (IIH)
50
µA
Differential Outputs (SD±, RXOUT±, TPOUT±)
SD+, SD–, RXOUT+, RXOUT–
Output Voltage HIGH (VOH)
Note 3
VCC–1.025
VCC–0.88
V
SD+, SD–, RXOUT+, RXOUT–
Output Voltage LOW (VOL)
Note 3
VCC–1.81
VCC–1.62
V
TPOUT+, TPOUT–
Differential Output Current HIGH
VOUT = VCC ± 0.5, Note 2
19.0
21.0
mA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which the
life of the integrated circuit may be impaired. All
voltages unless otherwise specified are measured with
respect to ground.
VCC Supply Voltage Range .................. GND –0.3V to 6V
Input Voltage Range
Digital Inputs ..................... GND –0.3V to VCC + 0.3V
Output Current
TPOUT+/TPOUT–, SD±, RXOUT± ...................... 50mA
All other outputs ................................................. 10mA
Junction Temperature .............................................. 150°C
Storage Temperature ................................ –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA)
PLCC ............................................................... 60°C/W
TQFP ............................................................... 80°C/W
OPERATING CONDITIONS
VCC Supply Voltage .......................................... 5V ± 5%
TA, Ambient Temperature ............................... 0°C to 70°C
RTSET ............................................................. 2k
W ± 1%
RRSET ........................................................ 9.53k
W ± 1%
Receive transformer insertion loss ..................... < –0.5dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com