Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6695 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6695
Description  100BASE-X Fiber Physical Layer With 5-bit Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6695 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6695 Datasheet HTML 1Page - Micro Linear Corporation ML6695 Datasheet HTML 2Page - Micro Linear Corporation ML6695 Datasheet HTML 3Page - Micro Linear Corporation ML6695 Datasheet HTML 4Page - Micro Linear Corporation ML6695 Datasheet HTML 5Page - Micro Linear Corporation ML6695 Datasheet HTML 6Page - Micro Linear Corporation ML6695 Datasheet HTML 7Page - Micro Linear Corporation ML6695 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ML6695
PIN DESCRIPTION (Continued)
PIN
NAME
FUNCTION
39
IOUT
Transmit LED output. This open-
collector current output drives
NRZI waveforms into an LED.
Output current can be set
externally by choosing RTSET
value.
40
AGND2
Analog ground
41
AVCC2
Analog positive power supply
42
LPBK
Loopback TTL input pin. Tying this
pin to ground places the part in
loopback mode; data at TSM0 0-4
are serialized, then sent to the
quantizer, followed by the receive
PLL for clock recovery, and finally
to the RSM<4:07> outputs.
Floating this pin or tying it to VCC
places the part in its normal mode
of operation.
PIN
NAME
FUNCTION
43
AVCC1
Analog positive power supply
44
TXC
Transmit clock TTL input. This
25MHz clock is phase-aligned
with the internal 125MHz TX bit
clock. Data appearing at
Tsm<4:0> are clocked into the
ML6695 on the rising edge of this
clock.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com