Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6698CQ Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML6698CQ
Description  100BASE-TX Physical Layer with 5-Bit Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6698CQ Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML6698CQ Datasheet HTML 1Page - Micro Linear Corporation ML6698CQ Datasheet HTML 2Page - Micro Linear Corporation ML6698CQ Datasheet HTML 3Page - Micro Linear Corporation ML6698CQ Datasheet HTML 4Page - Micro Linear Corporation ML6698CQ Datasheet HTML 5Page - Micro Linear Corporation ML6698CQ Datasheet HTML 6Page - Micro Linear Corporation ML6698CQ Datasheet HTML 7Page - Micro Linear Corporation ML6698CQ Datasheet HTML 8Page - Micro Linear Corporation ML6698CQ Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ML6698
3
PIN DESCRIPTION (Pin numbers for TQFP package in parentheses)
PIN
NAME
DESCRIPTION
1
(39)
AGND1
Analog ground.
2-6
(40-44)
TSM<4:0>
Transmit data TTL inputs. TSM<4:0> inputs accept TX data symbols. Data
appearing at TSM<4:0> are clocked into the ML6698 on the rising edge of TXC.
7
(1)
PWRDN
Device power down input. A low signal powers down all ciruits of the ML6698, and
dissipates less than 20mA.
8,9,
(2, 3,
RSM<4:0>
Receive data TTL outputs. RSM<4:0> outputs may be sampled synchronously with
11,13, 5, 7, 9)
RXC’s rising edge.
15
10
(4)
DGND1
Digital ground.
12
(6)
DVCC1
Digital +5V power supply.
14
(8)
DGND2
Digital ground.
16
(10)
RXC
Recovered receive symbol clock TTL output. This 25MHz clock is phase-aligned
with the internal 125MHz bit clock recovered from the signal received at TPINP/N
when data is present. Receive data at RSM<4:0> change on the falling edges and
should be sampled on the rising edges of this clock. RXC is phase aligned to TXC
when 100BASE-TX signal is not present at TPINP/N
17
(11)
DGND3
Digital ground.
18
(12)
DVCC2
Digital +5V power supply.
19
(13)
DGND4A
Digital ground.
20
(14)
DGND4B
Digital ground.
21
(15)
DGND4C
Digital ground.
22
(16)
DVCC5
Digital +5V power supply.
23
(17)
DGND5
Digital ground.
24
(18)
SD0
Signal detect TTL output. A high output level indicates 100BASE-TX activity at
TPINP/N with an amplitude exceeding the preset threshold. The signal detect
function is always active independent of the configuration of the SEL100/10 pin.
25
(19)
SEL100/10
Speed select TTL input. Driving this pin low disables 100BASE-TX transmit and
receive functions, and enables the 10BASE-T transmit path from 10BTTXINP/N to
TPOUTP/N. A high signal on SEL100/10 disables the 10BTTXINP/N inputs and enables
100BASE-TX operation.
28
(22)
AVCC3
Analog positive power supply.
30
(24)
RGMSET
Equalizer bias resistor input. An external 9.53ký, 1% resistor connected between
RGMSET and AGND3 sets internal time constants controlling the receive equalizer
transfer function.
31
(25)
RTSET
Transmit level bias resistor input. An external 2.49ký, 1% resistor connected
between RTSET and AGND3 sets a precision constant bias current for the twisted
pair transmit level.
32
(26)
AGND3
Analog ground.
33,34 (27,28)
TPOUTN/P
Transmit twisted pair outputs. This differential current output pair drives MLT-3
waveforms into the network coupling transformer in 100BASE-TX mode, and
10BASE-T or FLP waveforms in 10BASE-T mode.
35
(29)
AGND2
Analog ground.
36
(30)
AVCC2
Analog +5V power supply.
37,38 (31, 32)
TPINN/P
Receive twisted pair inputs. This differential input pair receives 100BASE-TX signals
from the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com