Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ14203H Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14203H
Description  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203H Datasheet(HTML) 5 Page - Texas Instruments

  LMZ14203H Datasheet HTML 1Page - Texas Instruments LMZ14203H Datasheet HTML 2Page - Texas Instruments LMZ14203H Datasheet HTML 3Page - Texas Instruments LMZ14203H Datasheet HTML 4Page - Texas Instruments LMZ14203H Datasheet HTML 5Page - Texas Instruments LMZ14203H Datasheet HTML 6Page - Texas Instruments LMZ14203H Datasheet HTML 7Page - Texas Instruments LMZ14203H Datasheet HTML 8Page - Texas Instruments LMZ14203H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Minimum and Maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 24 V, VOUT = 12 V, RON = 249 kΩ
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
VIN = 24 V, VOUT = 12 V
VSS >+ 0.8 V
0.782
0.803
0.822
TJ = –40°C to 125°C
IOUT = 10 mA to 3 A
VFB
In-regulation feedback voltage
V
VIN = 24 V, VOUT = 12 V
VSS >+ 0.8 V
0.786
0.803
0.818
TJ = 25°C
IOUT = 10 mA to 3 A
VIN = 36 V, VOUT = 24 V
VSS >+ 0.8 V
0.780
0.803
0.826
TJ = –40°C to 125°C
IOUT = 10 mA to 3 A
VFB
In-regulation feedback voltage
V
VIN = 36 V, VOUT = 24 V
VSS >+ 0.8 V
0.787
0.803
0.819
TJ = 25°C
IOUT = 10 mA to 3 A
Feedback overvoltage protection
VFB-OVP
0.92
V
threshold
IFB
Feedback input bias current
5
nA
IQ
Nonswitching Input Current
VFB= 0.86 V
1
mA
ISD
Shutdown quiescent current
VEN= 0 V
25
μA
THERMAL CHARACTERISTICS
TSD
Thermal shutdown (rising)
165
°C
TSD-HYST
Thermal shutdown hysteresis
15
°C
PERFORMANCE PARAMETERS
ΔVOUT
Output Voltage Ripple
VOUT = 5 V, CO = 100-µF 6.3-V X7R
8
mV PP
ΔVOUT/ΔVIN
Line Regulation
VIN = 16 V to 42 V, IOUT= 3 A
0.01%
ΔVOUT/ΔIOUT
Load Regulation
VIN = 24 V, IOUT = 0 A to 3 A
1.5
mV/A
η
Efficiency
VIN = 24 V, VOUT = 12 V, IOUT = 1 A
94%
η
Efficiency
VIN = 24 V, VO = 12 V, IO = 3 A
93%
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com