Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ22005 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 14Page - Texas Instruments LMZ22005 Datasheet HTML 15Page - Texas Instruments LMZ22005 Datasheet HTML 16Page - Texas Instruments LMZ22005 Datasheet HTML 17Page - Texas Instruments LMZ22005 Datasheet HTML 18Page - Texas Instruments LMZ22005 Datasheet HTML 19Page - Texas Instruments LMZ22005 Datasheet HTML 20Page - Texas Instruments LMZ22005 Datasheet HTML 21Page - Texas Instruments LMZ22005 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Design Steps
The LMZ22005 is fully supported by WEBENCH which offers: component selection, electrical and thermal
simulations. Additionally there is are evaluation and demonstration boards that may be used a starting point for
design. The following list of steps can be used to quickly design the LMZ22005 application.
1. Select minimum operating VIN with enable divider resistors
2. Program VO with resistor divider selection
3. Select CO
4. Select CIN
5. Determine module power dissipation
6. Layout PCB for required thermal performance
8.2.2.2 Enable Divider, RENT, RENB and RENH Selection
Internal to the module is a 2-M
Ω pullup resistor connected from VIN to Enable. For applications not requiring
precision undervoltage lockout (UVLO), the Enable input may be left open circuit and the internal resistor will
always enable the module. In such case, the internal UVLO occurs typically at 4.3 V (VIN rising).
In applications with separate supervisory circuits Enable can be directly interfaced to a logic source. In the case
of sequencing supplies, the divider is connected to a rail that becomes active earlier in the power-up cycle than
the LMZ22005 output rail.
Enable provides a precise 1.279-V threshold to allow direct logic drive or connection to a voltage divider from a
higher enable voltage such as VIN. Additionally there is 21 μA (typical) of switched offset current allowing
programmable hysteresis. See Figure 47.
The function of the enable divider is to allow the designer to choose an input voltage below which the circuit will
be disabled. This implements the feature of programmable UVLO. The two resistors must be chosen based on
the following ratio:
RENT / RENB = (VIN UVLO / 1.279 V) – 1
(1)
The LMZ22005 typical application shows 12.7 k
Ω for RENB and 42.2 kΩ for RENT resulting in a rising UVLO of
5.46 V.
NOTE
A midpoint 5.1-V Zener clamp is present to allow setting UVLO to cover an extended
range of operation. The Zener clamp is not required if the target application prohibits the
maximum Enable input voltage from being exceeded.
Additional enable voltage hysteresis can be added with the inclusion of RENH. It may be possible to select values
for RENT and RENB such that RENH is a value of zero allowing it to be omitted from the design.
Rising threshold can be calculated as follows:
VEN(rising) = 1.279 ( 1 + RENT|| 2 meg/ RENB)
(2)
Whereas falling threshold level can be calculated using:
VEN(falling) = VEN(rising) – 21 µA ( RENT|| 2 meg || RENTB + RENH )
(3)
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com