Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 4Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 5Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 6Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 7Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 8Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 9Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 10Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
8
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Functional Overview
Table 3:
Pad Descriptions
Name
Type
Description
STANDBY
Input
Standby-mode enable pin (active HIGH).
VDD_PLL
Power
PLL power.
VAA
Power
Analog power.
EXTCLK
Input
External input clock.
VDD_SLVS
Power
Digital power (do not connect).
DGND
Power
Digital ground.
VDD
Power
Digital power.
AGND
Power
Analog ground.
SADDR
Input
Two-Wire Serial Interface address select.
SCLK
Input
Two-Wire Serial Interface clock input.
SDATA
I/O
Two-Wire Serial Interface data I/O.
VAA_PIX
Power
Pixel power.
LINE_VALID
Output
Asserted when DOUT line data is valid.
FRAME_VALID
Output
Asserted when DOUT frame data is valid.
PIXCLK
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
VDD_IO
Power
I/O supply power.
DOUT8
Output
Parallel pixel data output.
DOUT9
Output
Parallel pixel data output.
DOUT10
Output
Parallel pixel data output.
DOUT11
Output
Parallel pixel data output (MSB)
Reserved
Input
Connect to DGND.
DOUT4
Output
Parallel pixel data output.
DOUT5
Output
Parallel pixel data output.
DOUT6
Output
Parallel pixel data output.
DOUT7
Output
Parallel pixel data output.
TRIGGER
Input
Exposure synchronization input.
OE_BAR
Input
Output enable (active LOW).
DOUT0
Output
Parallel pixel data output (LSB)
DOUT1
Output
Parallel pixel data output.
DOUT2
Output
Parallel pixel data output.
DOUT3
Output
Parallel pixel data output.
RESET_BAR
Input
Asynchronous reset (active LOW). All settings are restored to factory default.
FLASH
Output
Flash control output.
NC
Input
Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com