Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0835HS Datasheet(PDF) 49 Page - ON Semiconductor

Part # AR0835HS
Description  8 Mp CMOS Digital Image Sensor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0835HS Datasheet(HTML) 49 Page - ON Semiconductor

Back Button AR0835HS Datasheet HTML 45Page - ON Semiconductor AR0835HS Datasheet HTML 46Page - ON Semiconductor AR0835HS Datasheet HTML 47Page - ON Semiconductor AR0835HS Datasheet HTML 48Page - ON Semiconductor AR0835HS Datasheet HTML 49Page - ON Semiconductor AR0835HS Datasheet HTML 50Page - ON Semiconductor AR0835HS Datasheet HTML 51Page - ON Semiconductor AR0835HS Datasheet HTML 52Page - ON Semiconductor AR0835HS Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
AR0835HS: 1/3.2-Inch 8 Mp CMOS Digital Image Sensor
Integration Time for Interlaced HDR Readout
AR0835HS_DS Rev. D Pub. 5/15 EN
49
©Semiconductor Components Industries, LLC, 2015.
This programming restriction must be met for correct operation:
• global_read_start > global_shutter_start.
Figure 36:
Controlling the SHUTTER Output
Using FLASH with Global Reset
If R0x315E global_seq_trigger[2] = 1 (global flash enabled) when a global reset sequence
is triggered, the FLASH output signal will be pulsed during the integration phase of the
global reset sequence. The FLASH output will assert a fixed number of cycles after the
start of the integration phase and will remain asserted for a time that is controlled by the
value of the flash_count register. When flash_count is programmed for value N, (where N
is 0–0x3FE) the resulting flash duration is given by N * 512 * (1/vt_pix_clk_freq_mhz), as
shown in Figure 37.
Figure 37:
Using FLASH with Global Reset
ERS
ERS
Row Reset
Integration
Readout
Trigger
Wait for end of current row
Automatic at end of frame readout
global_rst_end
global_read_start
SHUTTER (signal)
global_shutter_start
~2*line_length_pck
ERS
ROW RESET
INTEGRATION
READOUT
ERS
Trigger
Wait for end of
current row
Automatic at end
of frame readout
global_rst_end
FLASH
flash_count
(fixed)
global_read_start
SHUTTER
global_ shutter_start
~2*line_length_pck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com