Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0260CSSC28SUD20 Datasheet(PDF) 53 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 49Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 50Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 51Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
53
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Backlight Compensation
The backlight compensation control helps the AS0260 auto-exposure (AE) algorithm
correctly exposure the image for typical backlit scenes. The AS0260 has an AE 'window'
that controls which parts of the scene should be considered by the auto-exposure algo-
rithm. This window control is not part of the UVC interface (see CAM_STAT_AE_INI-
TIAL_WINDOW_xxx). The AS0260 divides the AE window into a grid of 5 x 5 'zones'.
Each zone has a weighting factor, which allows the host to prioritize the average bright-
ness of some zones more than others (when being considered by the AE algorithm).
• When backlight compensation is disabled, the AS0260 will apply the same weighting
to all zones - this is equivalent to taking the average brightness of the entire AE
window.
• When backlight compensation level 1 is enabled, the AS0260 will apply a 'backlight
compensation' map of weights to the zones, in order to prioritize the central zones
over outlying zones (on the assumption that the region-of-interest is within the centre
of the AE window). The zone weight map is static, configured by the AE_RULE_AE_-
WEIGHT_TABLE_N_M variables, and is not under UVC Control.
• When backlight compensation level 2 is enabled, the AS0260 employs an adaptive
algorithm, which uses the average brightness of each zone to determine the zone
weighting. Darker zones have more weighting. Level 2 uses medium strength adaptive
weighting, where the zone weighting applied is a 50/50 blend of the static and adap-
tive weighting.
• Backlight compensation level 3 is similar to level 2, except only the adaptive weighting
is applied to the zone weighting.
• Backlight compensation level 4 uses the static weight map as in level 1, but centres
the AE 'window' to the central 9 zones. The average brightness of the 16 outlier zones
is not calculated.
Changes to this control will be rejected with EACCES when auto-exposure mode is
disabled.
Brightness
The brightness control is used to set the desired brightness of the scene when auto-
exposure mode is enabled. When auto-exposure is disabled, any change will be rejected
with EACCES.
The brightness of a scene is measured by the average luma of the pixels enclosed by the
AE window The auto-exposure algorithm will attempt to keep the average luma of these
pixels at the desired brightness (within configurable thresholds for smoothing the adap-
tion rate).
Increasing the desired brightness of a scene may result in a change in frame-rate if
UVC_AE_PRIORITY_CONTROL is set to VARIABLE_FRAME_RATE. Conversely, reducing
the desired brightness may increase frame-rate.
Variable
Name
Type
Default
0xCC08
VAR(0x13,0x0008)
UVC_BACKLIGHT_COMPENSATION_CONTROL
UINT16 Dependent upon CAM
configuration
Variable
Name
Type
Default
R0xCC0A
VAR(0x13,0x000A)
UVC_BRIGHTNESS_CONTROL
UINT16
Dependent upon CAM
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com