Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS260 Datasheet(PDF) 30 Page - ON Semiconductor

Part # AS260
Description  High-Definition (HD) Digital Image Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS260 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AS260 Datasheet HTML 26Page - ON Semiconductor AS260 Datasheet HTML 27Page - ON Semiconductor AS260 Datasheet HTML 28Page - ON Semiconductor AS260 Datasheet HTML 29Page - ON Semiconductor AS260 Datasheet HTML 30Page - ON Semiconductor AS260 Datasheet HTML 31Page - ON Semiconductor AS260 Datasheet HTML 32Page - ON Semiconductor AS260 Datasheet HTML 33Page - ON Semiconductor AS260 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
AR0260 DS Rev. G Pub. 4/15 EN
30
©Semiconductor Components Industries, LLC,2015.
AR0260: 1/6-Inch 1080P High-Definition (HD) Digital Image Sensor
Hardware Functions
Message Byte
Message bytes are used for sending register addresses and register write data to the slave
device and for retrieving register read data. The protocol used is outside the scope of the
two-wire serial interface specification.
Acknowledge Bit
Each 8-bit data transfer is followed by an acknowledge bit or a no-acknowledge bit in the
SCLK clock period following the data transfer. The transmitter (which is the master when
writing, or the slave when reading) releases SDATA. The receiver indicates an acknowl-
edge bit by driving SDATA LOW. As for data transfers, SDATA can change when SCLK is
LOW and must be stable while SCLK is HIGH.
No-Acknowledge Bit
The no-acknowledge bit is generated when the receiver does not drive SDATA low during
the SCLK clock period following a data transfer. A no-acknowledge bit is used to termi-
nate a read sequence.
Stop Condition
A stop condition is defined as a LOW -to-HIGH transition on SDATA while SCLK is HIGH.
Typical Serial Transfer
A typical read or write sequence begins by the master generating a start condition on the
bus. After the start condition, the master sends the 8-bit slave address/data direction
byte. The last bit indicates whether the request is for a read or a write, where a “0” indi-
cates a write and a “1” indicates a read. If the address matches the address of the slave
device, the slave device acknowledges receipt of the address by generating an acknowl-
edge bit on the bus.
If the request was a write, the master then transfers the 16-bit register address to which a
write should take place. This transfer takes place as two 8-bit sequences and the slave
sends an acknowledge bit after each sequence to indicate that the byte has been
received. The master then transfers the data as an 8-bit sequence; the slave sends
acknowledge bit at the end of the sequence. After 8 bits have been transferred, the slave’s
internal register address is automatically incremented, so that the next 8 bits are written
to the next register address. The master stops writing by generating a (re)start or stop
condition.
If the request was a read, the master sends the 8-bit write slave address/data direction
byte and 16-bit register address, just as in the write request. The master then generates a
(re)start condition and the 8-bit read slave address/data direction byte, and clocks out
the register data, 8 bits at a time. The master generates an acknowledge bit after each 8-
bit transfer. The slave’s internal register address is automatically incremented after every
8 bits are transferred. The data transfer is stopped when the master sends a no-acknowl-
edge bit.
Note:
If a customer is using direct memory writes (XDMA), AND the first write ends on an
odd address boundary AND the second write starts on an even address boundary
AND the first write is not terminated by a STOP, the write data can become corrupted.
To avoid this, ensure that a serial write is terminated by a STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com