Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0134CSSM00SUEAH-GEVB Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0134CSSM00SUEAH-GEVB
Description  Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CSSM00SUEAH-GEVB Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0134CSSM00SUEAH-GEVB Datasheet HTML 9Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 10Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 11Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 12Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 13Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 14Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 15Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 16Page - ON Semiconductor AR0134CSSM00SUEAH-GEVB Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AR0134_DS Rev. G Pub. 6/15 EN
13
©Semiconductor Components Industries, LLC,2015.
AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Configuration and Pinout
Table 3:
Pin Descriptions - 63-Ball iBGA Package
Name
iBGA Pin
Type
Description
SLVS0_N
A2
Output
HiSPi serial data, lane 0, differential N.
SLVS0_P
A3
Output
HiSPi serial data, lane 0, differential P.
SLVS1_N
A4
Output
HiSPi serial data, lane 1, differential N.
SLVS1_P
A5
Output
HiSPi serial data, lane 1, differential P.
STANDBY
A8
Input
Standby-mode enable pin (active HIGH).
VDD_PLL
B1
Power
PLL power.
SLVSC_N
B2
Output
HiSPi serial DDR clock differential N.
SLVSC_P
B3
Output
HiSPi serial DDR clock differential P.
SLVS2_N
B4
Output
HiSPi serial data, lane 2, differential N.
SLVS2_P
B5
Output
HiSPi serial data, lane 2, differential P.
VAA
B7, B8
Power
Analog power.
EXTCLK
C1
Input
External input clock.
VDD_SLVS
C2
Power
HiSPi power. (May leave unconnected if parallel interface is used)
SLVS3_N
C3
Output
(Unsupported) HiSPi serial data, lane 3, differential N.
SLVS3_P
C4
Output
(Unsupported) HiSPi serial data, lane 3, differential P.
DGND
C5, D4, D5, E5, F5, G5, H5
Power
Digital GND.
VDD
A6, A7, B6, C6, D6
Power
Digital power.
AGND
C7, C8
Power
Analog GND.
SADDR
D1
Input
Two-Wire Serial address select.
SCLK
D2
Input
Two-Wire Serial clock input.
SDATA
D3
I/O
Two-Wire Serial data I/O.
VAA_PIX
D7, D8
Power
Pixel power.
LINE_VALID
E1
Output
Asserted when DOUT line data is valid.
FRAME_VALID
E2
Output
Asserted when DOUT frame data is valid.
PIXCLK
E3
Output
Pixel clock out. DOUT is valid on rising edge of this clock.
FLASH
E4
Output
Control signal to drive external light sources.
VDD_IO
E6, F6, G6, H6, H7
Power
I/O supply power.
DOUT8
F1
Output
Parallel pixel data output.
DOUT9
F2
Output
Parallel pixel data output.
DOUT10
F3
Output
Parallel pixel data output.
DOUT11
F4
Output
Parallel pixel data output (MSB)
TEST
F7
Input
Manufacturing test enable pin (connect to DGND).
DOUT4
G1
Output
Parallel pixel data output.
DOUT5
G2
Output
Parallel pixel data output.
DOUT6
G3
Output
Parallel pixel data output.
DOUT7
G4
Output
Parallel pixel data output.
TRIGGER
G7
Input
Exposure synchronization input. (Connect to DGND if HiSPi interface is
used)
OE_BAR
G8
Input
Output enable (active LOW).
DOUT0
H1
Output
Parallel pixel data output (LSB)
DOUT1
H2
Output
Parallel pixel data output.
DOUT2
H3
Output
Parallel pixel data output.
DOUT3
H4
Output
Parallel pixel data output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com