Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111 Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor CS5111 Datasheet HTML 10Page - ON Semiconductor CS5111 Datasheet HTML 11Page - ON Semiconductor CS5111 Datasheet HTML 12Page - ON Semiconductor CS5111 Datasheet HTML 13Page - ON Semiconductor CS5111 Datasheet HTML 14Page - ON Semiconductor CS5111 Datasheet HTML 15Page - ON Semiconductor CS5111 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS5111
http://onsemi.com
12
LINEAR REGULATOR OUTPUT CURRENT VS. INPUT VOLTAGE
Figure 17. The Shaded Area Shows the Safe Operating Area of the CS5111 as a Function of
ILIN, VREG, and QJA. Refer to Table 1 for Typical Loads and Voltages.
0
5
10
30
VREG (V)
0
15
100
75
50
25
20
25
05
10
30
VREG (V)
0
15
100
75
50
25
20
25
ΘJA = 55°C/W
VIN = 14 V
Max Total Power = 1.18 W
ΘJA = 35°C/W
VIN = 14 V
Max Total Power = 1.86 W
Table 1.
VREG (V)
VIN (V)
ILIN (mA)
Linear Power
Dissipation (W)
Worst Case Switcher
Power Available
(
ΘJA = 55°C/W) (W)
Worst Case Switcher
Power Available
(
ΘJA = 35°C/W) (W)
20
14
25
0.44
0.74
1.42
20
14
50
0.83
0.35
1.03
20
14
75
1.22
*
0.64
20
14
100
1.60
*
0.26
25
14
25
0.60
0.58
1.26
25
14
50
1.11
0.07
0.75
25
14
75
1.62
*
0.24
25
14
100
2.14
*
*
*Subjecting the CS5111 to these conditions will exceed the maximum total power that the part can handle, thereby forcing it into thermal
limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com