Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44521 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44521
Description  N Male Connector Crimp-Solder Attachment For PE-C240, 0.240 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44521 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44521 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44521 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male Connector Crimp/Solder Attachment
For PE-C240, 0.240 inch
N Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
Configuration
Connector
N Male
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-C240,0.240 inch
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.36 [34.54]
Width/Dia., in [mm]
0.83 [21]
.
Weight, lbs [g]
0.066 [29.94]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
18
Torque, in-lbs [Nm]
9 [1.02]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-standard-pe-c240-0.240-connector-pe44521-p.aspx
N Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch from Pasternack Enterprises has same day shipment
for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of RF, microwave and
fiber optic products.
PE44521
PE44521 REV


Similar Part No. - PE44521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4452 PASTERNACK-PE4452 Datasheet
206Kb / 2P
TNC Male Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE44520 PASTERNACK-PE44520 Datasheet
361Kb / 3P
N Male Connector Crimp-Crimp Attachment for PE-C195, .195 inch
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44523 PASTERNACK-PE44523 Datasheet
246Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44524 PASTERNACK-PE44524 Datasheet
265Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
More results

Similar Description - PE44521

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44525 PASTERNACK-PE44525 Datasheet
217Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44533 PASTERNACK-PE44533 Datasheet
213Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44537 PASTERNACK-PE44537 Datasheet
265Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44637 PASTERNACK-PE44637 Datasheet
215Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44638 PASTERNACK-PE44638 Datasheet
231Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44639 PASTERNACK-PE44639 Datasheet
242Kb / 2P
SMA Female Connector Crimp - Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44635 PASTERNACK-PE44635 Datasheet
218Kb / 2P
TNC Male Right Angle Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com