Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44645 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44645
Description  MMCX Plug Connector Crimp-Solder Attachment For RG178, RG196, Easy Grip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44645 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44645 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44645 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196, Easy Grip
Configuration
Connector
MMCX Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.554 [14.07]
Width/Dia., in [mm]
0.18 [4.57]
.
Weight, lbs [g]
0.03 [13.61]
Connector
Type
MMCX Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196, Easy Grip from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196, Easy Grip PE44645
URL: http://www.pasternack.com/mmcx-plug-standard-rg178-rg196-connector-pe44645-p.aspx
PE44645
PE44645 REV 01
MMCX Plug Connector Crimp/Solder Attachment
For RG178, RG196, Easy Grip


Similar Part No. - PE44645

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4464 PASTERNACK-PE4464 Datasheet
228Kb / 3P
TNC Female Bulkhead Connector Clamp - Solder Attachment For RG59, RG62, .480 inch D Hole
PE4464 PASTERNACK-PE4464 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE44640 PASTERNACK-PE44640 Datasheet
205Kb / 2P
BNC Male Connector Crimp-Solder Attachment For RG8X, PE-C240, B7808A, 0.240 inch
PE44641 PASTERNACK-PE44641 Datasheet
294Kb / 2P
BNC Male Right Angle Connector Crimp-Solder Attachment For RG8X, PE-C240, 0.240 inch
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
More results

Similar Description - PE44645

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4074 PASTERNACK-PE4074 Datasheet
304Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4902 PASTERNACK-PE4902 Datasheet
220Kb / 3P
MMCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4897 PASTERNACK-PE4897 Datasheet
306Kb / 3P
MMCX Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4899 PASTERNACK-PE4899 Datasheet
306Kb / 3P
MMCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4080 PASTERNACK-PE4080 Datasheet
305Kb / 2P
SMB Plug Connector Crimp/Solder Attachment For RG178, RG196
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com