Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIS892ADN Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIS892ADN
Description  N-Channel 100 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS892ADN Datasheet(HTML) 2 Page - Vishay Telefunken

  SIS892ADN Datasheet HTML 1Page - Vishay Telefunken SIS892ADN Datasheet HTML 2Page - Vishay Telefunken SIS892ADN Datasheet HTML 3Page - Vishay Telefunken SIS892ADN Datasheet HTML 4Page - Vishay Telefunken SIS892ADN Datasheet HTML 5Page - Vishay Telefunken SIS892ADN Datasheet HTML 6Page - Vishay Telefunken SIS892ADN Datasheet HTML 7Page - Vishay Telefunken SIS892ADN Datasheet HTML 8Page - Vishay Telefunken SIS892ADN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 62716
S12-1259-Rev. A, 21-May-12
Vishay Siliconix
SiS892ADN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
60
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 5.0
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.5
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS 10 V, ID = 10 A
0.027
0.033
VGS 7.5 V, ID = 7 A
0.029
0.036
VGS 4.5 V, ID = 5 A
0.036
0.047
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
19
S
Dynamicb
Input Capacitance
Ciss
VDS = 50 V, VGS = 0 V, f = 1 MHz
550
pF
Output Capacitance
Coss
217
Reverse Transfer Capacitance
Crss
26
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 10 A
12.8
19.5
nC
VDS = 50 V, VGS = 7.5 V, ID = 10 A
9.7
15
VDS = 50 V, VGS = 4.5 V, ID = 10 A
6.1
9.5
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
2.9
Output Charge
Qoss
VDS = 50 V, VGS = 0 V
17.2
26
Gate Resistance
Rg
f = 1 MHz
0.2
1.0
2.0
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 5 
ID  10 A, VGEN = 7.5 V, Rg = 1 
10
20
ns
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
16
32
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 5 
ID  10 A, VGEN = 10 V, Rg = 1 
10
20
Rise Time
tr
12
24
Turn-Off Delay Time
td(off)
16
32
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
30
A
Pulse Diode Forward Current
ISM
40
Body Diode Voltage
VSD
IS = 4 A, VGS 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
30
60
ns
Body Diode Reverse Recovery Charge
Qrr
28
56
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com