Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75813E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC75813E
Description  Duty General-Purpose LCD Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75813E Datasheet(HTML) 1 Page - ON Semiconductor

  LC75813E Datasheet HTML 1Page - ON Semiconductor LC75813E Datasheet HTML 2Page - ON Semiconductor LC75813E Datasheet HTML 3Page - ON Semiconductor LC75813E Datasheet HTML 4Page - ON Semiconductor LC75813E Datasheet HTML 5Page - ON Semiconductor LC75813E Datasheet HTML 6Page - ON Semiconductor LC75813E Datasheet HTML 7Page - ON Semiconductor LC75813E Datasheet HTML 8Page - ON Semiconductor LC75813E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
20102RM (OT) No.7159-1/26
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
October, 2013
LC75813E,
LC75813T
Overview
The LC75813E and LC75813T are 1/3 duty and 1/4 duty general-purpose LCD drivers that can be used for
frequency display in electronic tuners under the control of a microcontroller. The LC75813E and LC75813T can
drive an LCD with up to 344 segments directly. The LC75813E and LC75813T can also control up to 8 general-
purpose output ports. Since the LC75813E and LC75813T use separate power supply systems for the LCD drive
block and the logic block, the LCD driver block power-supply voltage can be set to any voltage in the range 2.7 to
6.0 volts, regardless of the logic block power-supply voltage.
Features
 Switching between 1/3 duty and 1/4 duty drive techniques under serial data control.
 Switching between 1/2 bias and 1/3 bias drive techniques under serial data control.
 Up to 261 segments for 1/3 duty drive and 344 segments for 1/4 duty drive can be displayed.
 Serial data input supports CCB format communication with the system controller.
 Serial data control of the power-saving mode based backup function and all the segments forced off function.
 Serial data control of switching between the segment output port and the general-purpose output port functions.
 Serial data control of frame frequency for common and segment output waveforms.
 High generality, since display data is displayed directly without decoder intervention.
 Independent VLCD for the LCD driver block (VLCD can be set to any voltage in the range 2.7 to 6.0 volts, regardless
of the logic block power-supply voltage.)
 The INH pin can force the display to the off state.
 RC oscillator circuit
Package Dimensions
unit : mm
[ LC75813E ]
[ LC75813T ]
CMOS LSI
1/3, 1/4 Duty General-Purpose
LCD Driver
Ordering number : EN7159
CCB is a registered trademark of Semiconductor Components Industries, LLC.
CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
QIP100E(14X20)
20.0
23.2
0.15
0.3
0.65
(0.58)
130
80
51
31
50
100
81
TQFP100(14X14)
100
125
26
50
51
75
76
14.0
(1.0)
0.125
16.0
0.2
0.5


Similar Part No. - LC75813E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75813E-E ONSEMI-LC75813E-E Datasheet
544Kb / 28P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75813ES-T ONSEMI-LC75813ES-T Datasheet
544Kb / 28P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC75813E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
Duty General-Purpose LCD Driver
October, 2013
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
Duty General-Purpose LCD Driver
January 2015 - Rev. 0
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
Duty General-Purpose LCD Driver
July, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
Duty General-Purpose LCD Driver
January, 2014
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com