Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53248 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53248
Description  28 VDC SOLID STATE POWER CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53248 Datasheet(HTML) 2 Page - Micropac Industries

  53248 Datasheet HTML 1Page - Micropac Industries 53248 Datasheet HTML 2Page - Micropac Industries 53248 Datasheet HTML 3Page - Micropac Industries 53248 Datasheet HTML 4Page - Micropac Industries 53248 Datasheet HTML 5Page - Micropac Industries 53248 Datasheet HTML 6Page - Micropac Industries 53248 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
PRELIMINARY DATA SHEET
53248
28 VDC SOLID STATE HIGH SIDE SELF-PROTECTED POWER CONTROLLER
Package Configuration
Functional Block Diagram
VOLTAGE
REGULATOR
O/V
U/V
CURRENT
LIMIT
GATE
PROTECTION
ISOLATION/
CONTROL
LOGIC
CHARGE
PUMP
OUTPUT
DETECTION
TEMP
SENSE
LOAD
ISOLATION/
STATUS
POWER
IN
CONTROL
STATUS
SIGNAL GND
OUTPUT
(POWER GND)
Dimensions: inches
PIN #
FUNCTION
1
SIGNAL GND
2
POWER GND
3
POWER GND
4
OUTPUT
5
OUTPUT
6
POWER IN
7
POWER IN
8
NC
9
STATUS
10
CONTROL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com