Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53255 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53255
Description  400VDC - 10A SOLID STATE RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53255 Datasheet(HTML) 1 Page - Micropac Industries

  53255 Datasheet HTML 1Page - Micropac Industries 53255 Datasheet HTML 2Page - Micropac Industries 53255 Datasheet HTML 3Page - Micropac Industries 53255 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
53255
400VDC – 10A SOLID STATE RELAY
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
•
Hermetically Sealed Package
•
10A Continuous Output Current
•
Optically Coupled
•
Input/Output Isolation Tested to 1000 VDC
•
Shock and Vibration Resistant
Applications:
•
Power Distribution/Switching
•
Solenoid Driver
•
Stepper Motor Driver
•
Switching Heaters
DESCRIPTION
The 53255 is a DC solid state relay (SSR) designed for high reliability commercial applications. This light weight
device is resistant to damage from severe shock and vibration, and is immune to contact related problems inherent
in electro-mechanical relays. The SSR is enclosed in a hermetic metal package to ensure reliability in harsh
environments. Effective isolation of 1000 VDC between control and load circuits is achieved through the use of
optical coupling.
Functionally, the device operates as a single-pole single-throw, normally open (1 Form A) DC solid-state relay. The
SSR is actuated by an input current of 5 to 15 mA, which can be supplied from standard logic types such as open-
collector TTL. Output is provided by a power MOSFET capable of carrying a continuous current of 10 amperes.
ABSOLUTE MAXIMUM RATINGS
Output Voltage ..................................................................................................................................................... 450 VDC
Continuous Output current ..........................................................................................................................................10 A
Peak Output Current
(1) ........................................................................................................................................20 A
Storage Temperature Range .................................................................................................................. -65ºC to +150ºC
Operating Junction Temperature............................................................................................................ -55ºC to +150ºC
Lead Solder Temperature for 10 seconds .............................................................................................................. 300ºC
Continuous Input Current .........................................................................................................................................25 mA
Peak Input Current
(2) ............................................................................................................................................ 100 mA
Reverse Input Voltage............................................................................................................................................. 6 VDC
WEIGHT: .........................................................................................................................................17 grams (typical)


Similar Part No. - 53255

ManufacturerPart #DatasheetDescription
logo
Kitronik Ltd
5325 KITRONIK-5325 Datasheet
449Kb / 3P
Kitronik Discovery Kit for Raspberry Pi Pico (Pico Included)
logo
Micropac Industries
53250 MICROPAC-53250 Datasheet
161Kb / 6P
RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
logo
Walther-Werke
532504 WALTHER-532504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
532509 WALTHER-532509 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
More results

Similar Description - 53255

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53254 MICROPAC-53254 Datasheet
145Kb / 4P
40VDC - 10A SOLID STATE RELAY
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
Radiation Hardended, 100V Single 10A, Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com