Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53259 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53259
Description  POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53259 Datasheet(HTML) 2 Page - Micropac Industries

  53259 Datasheet HTML 1Page - Micropac Industries 53259 Datasheet HTML 2Page - Micropac Industries 53259 Datasheet HTML 3Page - Micropac Industries 53259 Datasheet HTML 4Page - Micropac Industries 53259 Datasheet HTML 5Page - Micropac Industries 53259 Datasheet HTML 6Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
7/29/02
Pg. 2 of 6
53259
Power MOSFET Optocoupler
___________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range ..................................................................................................................-65°C to +150°C
Operating Ambient Temperature - TA.....................................................................................................-55°C to +125°C
Junction Temperature - TJ........................................................................................................................................150°C
Lead Solder Temperature (1.6mm below seating plane for 10 seconds) ............................................................260
°C
Average Input Current - IF ........................................................................................................................................20 mA
Peak Repetitive Input Current - IFpk (Pulse Width < 100ms; duty cycle < 50%) ..................................................40 mA
Peak Surge Input Current - IFPK surge (Pulse Width < 0.2ms; duty cycle < 0.1%) ..........................................100 mA
Reverse Input Voltage - VR ....................................................................................................................................5 V
Output Current
Connection A – IO..........................................................................................................................................0.12 A
Connection B - IO ..........................................................................................................................................0.24 A
Inrush Output Current
Connection A - IOpk surge … ...........................................................................................................................1.5 A
Output Blocking Voltage
Connection A - VO ..................................................................................................................................± 400 VDC
Connection B - VO ........................................................................................................................ 0 V to +400 VDC
Output Power Dissipation ..............................................................................................................................500 mW
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current (off)
IF (OFF)
5
20
mA
Input Voltage (on)
VF (ON)
0
0.6
VDC
Operating Temperature
TA
-55
+125
°C
Note: On state means contact closed. Off state means contact open.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com