Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44972 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44972
Description  Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44972 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44972 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44972 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44972 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Female
Connector Specification
MIL-STD-348
Connector Interface Type
RG405, PE-SR405FL
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.25 in [6.35 mm]
Width/Dia.
0.156 in [3.96 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
Mini SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44972
PE44972
PE44972 REV 1.0
Mini SMP Female Right Angle Connector Solder
Attachment for RG405, PE-SR405FL


Similar Part No. - PE44972

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4497 PASTERNACK-PE4497 Datasheet
112Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44973 PASTERNACK-PE44973 Datasheet
363Kb / 3P
Mini SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
More results

Similar Description - PE44972

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE44908 PASTERNACK-PE44908 Datasheet
380Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Chamfered Body
PE44913 PASTERNACK-PE44913 Datasheet
384Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Mitered Body
PE44915 PASTERNACK-PE44915 Datasheet
381Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ Round Body
PE44494 PASTERNACK-PE44494 Datasheet
383Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com