Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66013 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66013
Description  DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66013 Datasheet(HTML) 2 Page - Micropac Industries

  66013 Datasheet HTML 1Page - Micropac Industries 66013 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 23
66013
DUAL CHANNEL, HERMETICALLY SEALED, HIGH SPEED 6N134 OPTOCOUPLER
ELECTRICAL CHARACTERISTICS
Ta=-55°C TO AT 125°C UNLESS OTHERWISE SPECIFIED.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
High Level Output Current
IOH
5250
µA
VCC = 5.5V, VO = 5.5V,
IF = 250µA
1
Low Level Output Voltage
VOL
0.35
0.6
V
VCC = 5.5V IF = 10mA
IOL(Sinking) = 10mA
1,9
High Level Supply Current
(Both Channels)
ICCH
18
28
mA
VCC = 5.5V, IF = 0
Low Level Supply Current
(Both Channels)
ICCL
26
36
mA
VCC = 5.5V, IF = 20mA
Input Forward Voltage
VF
1.5
1.75
V
IF = 20mA
1
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
Input-Output Insulation Leakage Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
ta = 25
°C, t = 5s
2
Propagation Delay Time To High Output Level
tPLH
45
100
ns
RL = 510Ω, CL = 50pF
If = 13mA, Ta = 25
°C
5
Propagation Delay Time To Low Output Level
tPHL
55
100
ns
RL = 510Ω, CL = 50pF
If = 13mA, Ta = 25
°C
6
Delay Time To Low to High Output Level (90%)
tLH
90
ns
RL = 510Ω, CL = 50pF
IF = 13mA, Ta = 25
°C
Delay Time To High to Low Output Level (90%)
tHL
40
ns
RL = 510Ω, CL = 50pF
If = 13mA, Ta = 25
°C
TYPICAL CHARACTERISTICS TA = 25°C, VCC = 5V EACH CHANNEL
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = MHz
1
Input Diode Temperature Coefficient
∆vF∆TA
-1.9
mV/°C
IF = 20mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—O = 500V
3
Capacitance (Input-Output)
CI-O
1.7
pF
f = 1MHz
3
Input-Input Insulation Leakage Current
II-I
0.5
nA
Relative Humidity = 45%
VI-I = 500V, t = 5s
4
Resistance (Input-Input)
RI-I
10
12
Ω
VI-I = 500V
4
Capacitance (Input-Input)
CI-I
0.80
pF
f = 1MHz
4
Output Rise-Fall Time (10-90%)
tf, tf
35
90
ns
RL = 510Ω, CL = 50pF
IF = 13mA
Common Mode Transient Immunity at High
Output Level
CMH
1000
10000
V/µsVCM = 10V (peak),
VO (min) = 2V,
RL = 510Ω, IF = OmA
7
Common Mode Transient Immunity at Low
Output Level
CML
1000
10000
V/µsVCM = 10V (peak),
VO (max) = 0.8V,
RL = 510Ω, IF = 10mA
8
NOTES:
1.
Each channel
2.
Measured between pins 1 through 8 shorted together and pins 9 through 16 shorted together.
3.
Measured between pins 9 and 10 or 11 and 12 shorted together, and pins 9 through 16 shorted together.
4.
Measured between pins 9 and 10 shorted together, and pins 11 and 12 shorted together.
5.
The tplh propagation delay is measured from the 6.5mA point on the trailing edge of the input pulse to the 1.5V point on the trailing edge of the output pulse.
6.
The tphl propagation delay is measured from the 6.5mA point on the leading edge of the input pulse to the 1.5V point on the leading edge of the output pulse.
7.
CMh is the max. tolerable common mode transient to assure that the output will remain in a high logic state (i.e. Vo >2.0V).
8.
CMl is the max. tolerable common mode transient to assure that the output will remain in a low logic state (i.e. Vo < 0.8V).
9.
It is essential that a bypass capacitor (.01 to 0.1µF ceramic) be connected from pin 10 to pin 15.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level Each Channel
IFL
0250
µA
Input Current, High Level Each Channel
IFH
12.5
20
mA
Supply Voltage
VC
4.5
5.5
V
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66013-000
Dual Channel Optocoupler with 100% device screening
66013-001
DSCC Dwg 8102801EX Dual Channel Optocoupler
66013-002
Dual Channel Optocoupler, Commercial, tested over full military temperature range (-55°C to +125°C)
66013-003
Dual Channel Optocoupler, Commercial (0° to 70°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com