Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66088 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66088
Description  SINGLE/DUAL, HIGH SPEED OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66088 Datasheet(HTML) 2 Page - Micropac Industries

  66088 Datasheet HTML 1Page - Micropac Industries 66088 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 41
66088
SINGLE/DUAL CHANNEL, HIGH SPEED OPTOCOUPLER
ELECTRICAL CHARACTERISTICS
Ta = -55°C to 125°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Current Transfer Ratio
CTR
9
24
%
IF = 16mA, VO = 0.4V, VCC = 4.5V
1,2
Logic Low Output Voltage
VOL
0.1
0.4
V
IF = 16mA, IOL = 2.4mA, VCC = 4.5V
Logic High Output Current
IOH
20
100
µAIF = 0, VCC = VO = 15V
IF (other channel) = 16mA
1
High Level Output Current
ICCH
0.1
20
µAIF = VCC = 15V
IF (other channel) = 0mA
1
Low Level Supply Current
ICCL
2mA
IF1 = 16mA, VCC = 15V
IF (other channel) = 16mA
1
Input Forward Voltage
VF
1.5
1.8
V
IF = 16mA
1
Input Reverse Breakdown Voltage
BVR
5V
IR = 10µA
1
Input-Output Insulation Leakage
Current
II—O
1.0
µA
VI—0 = 1500Vdc,
Relative Humidity = 45%
tA = 25°C, t = 5s
3
Propagation Delay Time To High
Output Level
tPLH
.08
1.6
µsIF = 16mA, VCC = 5V, RL = 1.9kΩ
1
Propagation Delay Time To Low
Output Level
tPHL
.08
1.6
µsIF = 16mA, VCC = 5V, RL = 1.9kΩ
1
TYPICAL CHARACTERISTICS
Ta = 25°C, VCC = 5V Each Channel
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Capacitance
CIN
60
pF
VF = 0, f = MHz
1
Capacitance (Input-Output)
CI-O
1.5
pF
f = 1MHz, VF = 0
1, 4
Capacitance (Input-Output)
CI-l
0.55
pF
f = 1MHz
Input Diode Temperature
Coefficient
∆vF
∆TA
-1.8
mV/°CIF = 16mA
1
Resistance (Input-Output)
RI-0
10
12
Ω
VI—0 = 500Vdc
1
Input-Input Insulation Leakage
Current
II-l
0.5
nA
Relative Humidity = 45%
VI—I = 500Vdc, t = 5s
3
Common Mode Transient
immunity at High Output Level
CMH
500
1000
V/µsVCM = 10V P-P,
RL = 1.9kΩ, IF = OmA
1, 5
Common Mode Transient
Immunity at Low Output Level
CML
500
1000
V/µsVCM = 10V P-P,
RL = 1.9kΩ, IF = 16mA
1, 6
NOTES:
1.
Each channel.
2.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current, IO, to the forward LED input current., IF , times 100%.
3.
Measured between each input pair shorted together.
4.
Measured between input pins shorted together and the output pins for that channel shorted together.
5.
CMH is the maximum tolerable common mode transient to assure that the output will remain in a high logic state (ie. VO > 2.0V).
6.
CML is the maximum tolerable common mode transient to assure that the output will remain in a low logic state (ie. VO < 0.8V).
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level (each channel)
IFL
02
µA
Input Current, High Level (each channel)
IFH
16
20
mA
Supply Voltage
VCC
2.0
18
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com