Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66099 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66099
Description  HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66099 Datasheet(HTML) 2 Page - Micropac Industries

  66099 Datasheet HTML 1Page - Micropac Industries 66099 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 21
66099 –4XX
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
Rev A 9\25\02
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
VF
0.8
2
V
IF = 10mA
OUTPUT TRANSISTOR CHARACTERISTICS
TA = 25°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
150
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
150
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4
V
IC = 0mA, IE = 100µA, IF = 0
Collector-Emitter Cutoff Current
ICEO
100
nA
VCE = 20V
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Current Transfer Ratio
CTR
100
%
VCE = 1V, IF = 10mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 20mA, IC = 10mA
Input-Output Isolation Current
IISO
100
nA
VI-O = 1000V
Rise Time
tr
20
µs
VCE = 10V, IF = 10mA,
RL = 100Ω
Fall Time
tf
20
µs
VCE = 10V, IF = 10mA,
RL = 100Ω
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
0
10
µA
Input Current, High Level
IFH
1
20
mA
Operating Temperature
TA
-55
100
°C
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
66099-401
Radiation Tolerant, High Voltage Optocoupler, Commercial
66099-415
Radiation Tolerant, High Voltage Optocoupler, Screened



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com