Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS155 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS155
Description  DUAL 1-OF-4 DECODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS155 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS155 Datasheet HTML 1Page - ON Semiconductor SN74LS155 Datasheet HTML 2Page - ON Semiconductor SN74LS155 Datasheet HTML 3Page - ON Semiconductor SN74LS155 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
SN74LS155/D
SN74LS155
DUAL 1-OF-4 DECODER/
DEMULTIPLEXER
The SN54 / 74LS156 is a high speed Dual 1-of-4
Decoder/Demultiplexer. This device has two decoders with common
2-bit Address inputs and separate gated Enable inputs. Decoder “a”
has an Enable gate with one active HIGH and one active LOW input.
Decoder “b” has two active LOW Enable inputs. If the Enable
functions are satisfied, one output of each decoder will be LOW as
selected by the address inputs. The LS156 has open collector outputs
for wired-OR (DOT-AND) decoding and function generator
applications.
The LS156 is fabricated with the Schottky barrier diode process for
high speed and are completely compatible with all Motorola TTL
families.
• Schottky Process for High Speed
• Multifunction Capability
• Common Address Inputs
• True or Complement Data Demultiplexing
• Input Clamp Diodes Limit High Speed Termination Effects
• ESD > 3500 Volts
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts (Connection
Diagram) as the Dual In-Line Pack-
age.
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
Ea
Eb
Eb
A0
O3b
O1b
O2b
O0b
Ea
A1
O3a O2a O1a
O0a GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0, A1
Ea, Eb
Ea
O0−O3
Address Inputs
Enable (Active LOW) Inputs
Enable (Active HIGH) Input
Active LOW Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40 μA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges. The HIGH level drive for the LS156 must be established by an
external resistor.
http://onsemi.com
DUAL 1-OF-4 DECODER/
DEMULTIPLEXER
LS156-OPEN-COLLECTOR
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN Plastic
SN74LSXXXD SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
1 2
13 3
14 15
EE
A0
A0
A1
A1
012
3
0
123
DECODER a
DECODER b
7 6 5
4
9 10 11 12


Similar Part No. - SN74LS155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS155A TI-SN74LS155A Datasheet
732Kb / 17P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS155A TI-SN74LS155A Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS155A TI1-SN74LS155A Datasheet
1Mb / 22P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS155A TI2-SN74LS155A Datasheet
940Kb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
REVISED MARCH 1988
SN74LS155AD TI-SN74LS155AD Datasheet
732Kb / 17P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LS155

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
9321 NSC-9321 Datasheet
124Kb / 6P
DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
DUAL 1-OF-4 DECODER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com