Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66158 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66158
Description  SINGLE CHANNEL OPTOCOUPLER DIRECT REPLACEMENT FOR 3C92C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66158 Datasheet(HTML) 2 Page - Micropac Industries

  66158 Datasheet HTML 1Page - Micropac Industries 66158 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
3 - 47
66158
SINGLE CHANNEL OPTOCOUPLER (Direct Replacement for 3C92C)
REVISION B
12/29/00
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode Static Reverse Current
IR
1µA
VR = 3V
Input Diode Static Forward Voltage
VF
1.15
1.2
V
IF = 2mA
Input Diode Static Forward Voltage
VF
1.3
1.5
V
IF = 50mA
Reverse Breakdown Voltage
BVR
712
V
IR = 100µA
Input Diode Capacitance
CIN
25
pF
V = 0V, f = 1MHz
OUTPUT TRANSISTOR
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
V
IC = 1mA, IB = 0, IF = 0
Emitter-Collector Breakdown Voltage
V(BR)ECO
7V
IC = 10µA, IE = 10µA, IF = 0
Collector-Emitter Dark Current
ICEO1
ICEO2
50
10
nA
nA
VCE = 50V, IF = 0mA
VCE = 5V, IF = 0mA
COUPLED CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
On State Collector Current
IC(ON)
4mA
VCE = 5V, IF = 10mA
On State Collector Current
IC(ON)
320
mA
VCE = 0.4V, IF = 10mA
On State Collector Current
-55°CIC(ON)
2mA
VCE = 5V, IF = 10mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.4
V
IF = 50mA, IC = 10mA
Isolation Resistance
RISO
10
9
Ω
VIN-OUT = 500V
Input to Output Capacitance
CIO
2
2.5
pF
f = 1MHz
Delay Time
td
24
µsVCE = 5V, IF = 2mA, RL = 100Ω
Storage Time
ts
0.2
0.5
µsVCE = 5V, IF = 2mA, RL = 100Ω
Rise Time
tr
35
µsVCE = 5V, IF = 2mA, RL = 100Ω
Fall Time
tf
45
µsVCE = 5V, IF = 2mA, RL = 100Ω
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
210mA
Supply Voltage
VCE
550
V
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
66158-011
Single Channel optocoupler, military operating range (-55° to +125°C)
66158-101
Single Channel optocoupler, full mil-temp (-55° to +125°C) with 100% device screening
66158-001
Single Channel optocoupler, commercial (0° to 70°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com