Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR7373C Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # HIR7373C
Description  5mm Infrared LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR7373C Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  HIR7373C_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR7373C_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-06-04 10:06:47.0
DATASHEET
5.0mm Infrared LED
HIR7373C
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : Mar.29.2013. Issue No:DIR-0000949
www.everlight.com
Device Selection Guide
Chip
Materials
Lens Color
GaAlAs
Water clear
Absolute Maximum Ratings (Ta=25
)
Parameter
Symbol
Rating
Unit
Continuous Forward Current
IF
100
mA
Peak Forward Current(*1)
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Soldering Temperature(*2)
Tsol
260
Power Dissipation at (or below)
25℃Free Air Temperature
Pd
150
mW
Notes:
*1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com