Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4404 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4404
Description  SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4404 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4404 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4404 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4404 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Connector Specification
MIL-STD-348
Connector Interface Type
PE-047SR, PE-SR047AL, PE-SR047FL
Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Maximum VSWR
1.35:1
Mechanical Specifications
Size
Length
0.489 in [12.42 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
SMA Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
50µ in. minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
Body Material and Plating
Brass, Gold
Body Plating Specification
50µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL PE4404
PE4404
PE4404 REV 1.0
SMA Male Connector Solder Attachment For PE-
047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE4404

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4404 PASTERNACK-PE4404 Datasheet
387Kb / 4P
SMA Male Precision Connector Solder Attachment
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR200
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR 200
PE44041 PASTERNACK-PE44041 Datasheet
117Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR PE-C200 &LMR200
PE44042 PASTERNACK-PE44042 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTCHMENT FOR PE-C300 & LMR300
More results

Similar Description - PE4404

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44335 PASTERNACK-PE44335 Datasheet
261Kb / 2P
1.85mm Male Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44441 PASTERNACK-PE44441 Datasheet
251Kb / 2P
SSMA Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4410 PASTERNACK-PE4410 Datasheet
221Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4974 PASTERNACK-PE4974 Datasheet
228Kb / 3P
BNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4975 PASTERNACK-PE4975 Datasheet
219Kb / 3P
TNC Male Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44459 PASTERNACK-PE44459 Datasheet
215Kb / 2P
MMCX Jack Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4418 PASTERNACK-PE4418 Datasheet
413Kb / 3P
SMA Female Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE44425 PASTERNACK-PE44425 Datasheet
228Kb / 3P
SSMA Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com