Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44049 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44049
Description  SHV Jack Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393, .480 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44049 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44049 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44049 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Jack Bulkhead Connector Clamp/Solder Attachment For
RG213, RG214, RG8, RG9, RG225, RG393, .480 inch D Hole
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393,
.480 inch D Hole
Configuration
Connector
SHV Jack
Connector Interface Type
RG213,RG214,RG8,RG9,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.15 [54.61]
Width/Dia., in [mm]
0.75 [19]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
SHV Jack
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393, .480 inch D Hole
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Jack Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225,
RG393, .480 inch D Hole PE44049
URL: http://www.pasternack.com/shv-jack-standard-rg213-rg214-rg8-rg9-rg225-rg393-connector-pe44049-p.aspx
PE44049
PE44049 REV


Similar Part No. - PE44049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4404 PASTERNACK-PE4404 Datasheet
384Kb / 3P
SMA Male Connector Solder Attachment For PE - 047SR, PE-SR047AL, PE-SR047FL
PE4404 PASTERNACK-PE4404 Datasheet
387Kb / 4P
SMA Male Precision Connector Solder Attachment
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR200
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR 200
PE44041 PASTERNACK-PE44041 Datasheet
117Kb / 1P
BNC MALE CRIMP ATTACHMENT FOR PE-C200 &LMR200
More results

Similar Description - PE44049

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4109 PASTERNACK-PE4109 Datasheet
318Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG213.RG214,RG8,RG9,RG225,RG393
PE4411 PASTERNACK-PE4411 Datasheet
315Kb / 3P
SMA Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4182 PASTERNACK-PE4182 Datasheet
314Kb / 2P
HN Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4520 PASTERNACK-PE4520 Datasheet
312Kb / 3P
SC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4564 PASTERNACK-PE4564 Datasheet
214Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44055 PASTERNACK-PE44055 Datasheet
249Kb / 2P
UHF Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4229 PASTERNACK-PE4229 Datasheet
314Kb / 2P
HN Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE44450 PASTERNACK-PE44450 Datasheet
228Kb / 2P
LC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
PE4632 PASTERNACK-PE4632 Datasheet
241Kb / 3P
BNC Female Bulkhead Connector Clamp - Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393, .480 inch D Hole
PE44105 PASTERNACK-PE44105 Datasheet
240Kb / 3P
MHV Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com