Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44342 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44342
Description  SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44342 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44342 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44342 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44342 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Female
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 27 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
Maximum Insertion Loss
0.26 dB
Mechanical Specifications
Size
Length
0.53 in [13.46 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.25 in [6.35 mm]
.
Weight
0.004 lbs [1.81 g]
Connector
Type
SMA Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Precision Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch
Hole Spacing PE44342
PE44342
PE44342 REV 1.1
SMA Female Precision Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing


Similar Part No. - PE44342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4434 PASTERNACK-PE4434 Datasheet
121Kb / 1P
N MAELE SOLDER/CLAMP FOR RG401 PE-SR401AL & PE-SR401FL
PE4434 PASTERNACK-PE4434 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE44340 PASTERNACK-PE44340 Datasheet
247Kb / 2P
SMA Female Connector Compression Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE44343 PASTERNACK-PE44343 Datasheet
344Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing 27 GHz Rated
More results

Similar Description - PE44342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44198 PASTERNACK-PE44198 Datasheet
251Kb / 3P
RT SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44391 PASTERNACK-PE44391 Datasheet
293Kb / 3P
SSMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4873 PASTERNACK-PE4873 Datasheet
237Kb / 2P
RP SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117 Datasheet
252Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118 Datasheet
255Kb / 2P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44827 PASTERNACK-PE44827 Datasheet
242Kb / 2P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4869 PASTERNACK-PE4869 Datasheet
221Kb / 3P
RP SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4118 PASTERNACK-PE4118_16 Datasheet
348Kb / 3P
SMA Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com