Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-4021 Datasheet(PDF) 15 Page - ON Semiconductor

Part # KAI-4021
Description  INTERLINE CCD IMAGE SENSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-4021 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button KAI-4021 Datasheet HTML 11Page - ON Semiconductor KAI-4021 Datasheet HTML 12Page - ON Semiconductor KAI-4021 Datasheet HTML 13Page - ON Semiconductor KAI-4021 Datasheet HTML 14Page - ON Semiconductor KAI-4021 Datasheet HTML 15Page - ON Semiconductor KAI-4021 Datasheet HTML 16Page - ON Semiconductor KAI-4021 Datasheet HTML 17Page - ON Semiconductor KAI-4021 Datasheet HTML 18Page - ON Semiconductor KAI-4021 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
KAI-4021 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0014 Pg 15
ESD PROTECTION
Figure 7: ESD Protection
The ESD protection on the KAI-4021 is implemented using bipolar transistors. The substrate (VSUB) forms the
common collector of all the ESD protection transistors. The ESD pin is the common base of all the ESD protection
transistors. Each protected pin is connected to a separate emitter as shown in Figure 7: ESD Protection.
The ESD circuit turns on if the base-emitter junction voltage exceeds 17 V. Care must be taken while operating the
image sensor, especially during the power on sequence, to not forward bias the base-emitter or base-collector
junctions. If it is possible for the camera power up sequence to forward bias these junctions then diodes D1 and D2
should be added to protect the image sensor. Put one diode D1 between the ESD and VSUB pins. Put one diode D2 on
each pin that may forward bias the base-emitter junction. The diodes will prevent large currents from flowing through
the image sensor. Note that external diodes D1 and D2 are optional and are only needed if it is possible to forward bias
any of the junctions.
Note that diodes D1 and D2 are added external to the KAI-4021.
RL
H1SL
H2SL
H1BL
H2BL
OGL
RR
H1SR
H2SR
H1BR
H2BR
ESD
VSUB
D1
D2
D2
D2
D2
D2
D2
D2
D2
D2
D2
D2
OGR
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com