Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44845 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44845
Description  SMA Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44845 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44845 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44845 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Crimp/Solder Attachment For PE-C200, LMR-200
Configuration
Connector
SMA Male
Connector Interface Type
PE-C200,LMR-200
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.713 [18.11]
.
Connector
Type
SMA Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle Connector Crimp/Solder Attachment For PE-C200, LMR-200 from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Crimp/Solder Attachment For PE-C200, LMR-200 PE44845
URL: http://www.pasternack.com/sma-male-standard-pe-c200-lmr-200-connector-pe44845-p.aspx
PE44845
PE44845 REV 1.0
SMA Male Right Angle Connector Crimp/Solder
Attachment For PE-C200, LMR-200


Similar Part No. - PE44845

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
371Kb / 4P
N Male Right Angle Connector Crimp/Solder Attachment
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44841 PASTERNACK-PE44841 Datasheet
253Kb / 2P
SMP Female Push-On Connector Solder Attachment For RG178, RG196
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
More results

Similar Description - PE44845

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44044 PASTERNACK-PE44044 Datasheet
223Kb / 3P
N Male Connector Crimp/Solder Attachment For PE-C200
PE44040 PASTERNACK-PE44040 Datasheet
107Kb / 1P
BNC MALE CLAMP ATTACHMENT FOR PE-C200 & LMR 200
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE44844 PASTERNACK-PE44844 Datasheet
254Kb / 2P
N Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
PE45040 PASTERNACK-PE45040 Datasheet
370Kb / 3P
SMA Male Connector Crimp - Solder Attachment for LMR200, PE-C200
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
PE44846 PASTERNACK-PE44846 Datasheet
364Kb / 3P
TNC Male Right Angle Connector Crimp - Solder Attachment For PE-C200, LMR-200
PE44847 PASTERNACK-PE44847 Datasheet
280Kb / 3P
TNC Female Right Angle Bulkhead Connector Crimp - Solder Attachment For PE-C200, LMR-200, .480 inch D Hole
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com