Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285BYM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM285BYM/NOPB
Description  Adjustable Micropower Voltage References
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM285BYM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM285BYM/NOPB Datasheet HTML 1Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 2Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 3Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 4Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 5Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 6Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 7Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 8Page - Texas Instruments LM285BYM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1)
LM185, LM285
LM385
LM185BX,
LM285
LM385
LM185BY
LM385BX,
LM185B,
LM385BY
Units
Parameter
Conditions
LM285BX,
(Limit)
Typ
Typ
LM285BY
Tested
Design
Tested
Design
Tested
Design
Tested
Design
Limit
Limit
Limit
Limit
Limit
Limit
Limit
Limit
(2)
(3)
(2)
(3)
(2)
(3)
(2)
(3)
Reference
IR = 100μA
1.240
1.252
1.265
1.270
1.240
1.252
1.255
1.265
1.270
V (max)
Voltage
1.255
1.228
1.215
1.205
1.228
1.215
1.215
1.205
V (min)
1.215
Reference
IMIN< IR < 1mA
0.2
1
1.5
1
1.5
0.2
1
1.5
1
1.5
mV
Voltage
(max)
1mA < IR < 20mA
4
10
20
10
20
5
15
25
15
25
Change with
Current
Dynamic
IR = 100μA, f =
Output
100Hz
Impedance
IAC = 0.1 IR VOUT =
0.3
0.4
Ω
VREF
VOUT =
0.7
1
5.3V
Reference
IR = 100μA
Voltage
mV
Change with
1
3
6
3
6
2
5
10
5
10
(max)
Output
Voltage
Feedback
13
20
25
20
25
16
30
35
30
35
nA (max)
Current
Minimum
VOUT = VREF
6
9
10
9
10
7
11
13
11
13
μA
Operating
(max)
VOUT = 5.3V
30
45
50
45
50
35
55
60
55
60
Current (see
curve)
Output
IR = 100μA, 10Hz < f
μVrms
Wideband
< 10kHz
Noise
VOUT = VREF
50
50
VOUT = 5.3V
170
170
Average
IR = 100μA
X Suffix
30
30
Temperature
Y Suffix
50
50
ppm/°c
Coefficient
(max)
All
150
150
150
150
(4)
Others
Long Term
IR = 100μA, T = 1000
20
20
ppm
Stability
Hr,
TA = 25°C ± 0.1°C
(1)
Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C. Unless otherwise
specified, all parameters apply for VREF < VOUT < 5.3V.
(2)
Production tested.
(3)
Not production tested. These limits are not to be used to calculate average outgoing quality levels.
(4)
The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures from TMIN
to TMAX, divided by TMAX − TMIN. The measured temperatures are −55, −40, 0, 25, 70, 85, 125°C.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com