Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4128AMF-3.0/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.0/NOPB
Description  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4128AMF-3.0/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4128AMF-3.0/NOPB Datasheet HTML 1Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 2Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 3Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 4Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 5Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 6Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 7Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 8Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM4128
Input
Output
VREF
EN
GND
Enable
CIN
COUT
*
*
VIN
LM4128, LM4128Q
www.ti.com
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
Check for Samples: LM4128, LM4128Q
1
FEATURES
DESCRIPTION
Ideal for space critical applications, the LM4128
2
•
Output Voltage Initial Accuracy 0.1%
precision voltage reference is available in the SOT-23
•
Low Temperature Coefficient 75 ppm/°C
surface-mount package. The LM4128’s advanced
•
Low Supply Current, 60 µA
design eliminates the need for an external stabilizing
capacitor while ensuring stability with capacitive loads
•
Enable Pin Allowing a 3 µA Shutdown Mode
up to 10 µF, thus making the LM4128 easy to use.
•
Up to 20 mA Output Current
Series references provide lower power consumption
•
Voltage Options 1.8V, 2.048V, 2.5V, 3.0V, 3.3V,
than shunt references, since they do not have to idle
4.096V
the maximum possible load current under no load
•
Custom Voltage Options Available (1.8V to
conditions. This advantage, the low quiescent current
4.096V)
(60 µA), and the low dropout voltage (400 mV) make
the LM4128 ideal for battery-powered solutions.
•
VIN Range of VREF + 400 mV to 5.5V @10 mA
•
Stable with Low ESR Ceramic Capacitors
The LM4128 is available in four grades (A, B, C, and
D) for greater flexibility. The best grade devices (A)
•
5-Pin SOT-23 Package
have an initial accuracy of 0.1% with ensured
•
−40°C to 125°C Junction Temperature Range
temperature coefficient of 75 ppm/°C or less, while
•
LM4128AQ/BQ/CQ/DQ are AEC-Q100 Grade 1
the lowest grade parts (D) have an initial accuracy of
Qualified and are Manufactured on an
1.0% and a tempco of 100 ppm/°C.
Automotive Grade Flow
Typical Application Circuit
APPLICATIONS
•
Instrumentation & Process Control
•
Test Equipment
•
Data Acquisition Systems
•
Base Stations
•
Servo Systems
•
Portable, Battery Powered Equipment
•
Automotive & Industrial Electronics
•
Precision Regulators
*Note: The capacitor CIN is required and
•
Battery Chargers
the capacitor COUT is optional.
•
Communications
•
Medical Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4128AMF-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4128AMF-3.0/NOPB TI1-LM4128AMF-3.0/NOPB Datasheet
987Kb / 33P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
LM4128AMF-3.0/NOPB TI2-LM4128AMF-3.0/NOPB Datasheet
756Kb / 35P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
REVISED APRIL 2013
LM4128AMF-3.0/NOPB.A TI2-LM4128AMF-3.0/NOPB.A Datasheet
756Kb / 35P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
REVISED APRIL 2013
More results

Similar Description - LM4128AMF-3.0/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128AMF-4 TI1-LM4128AMF-4 Datasheet
987Kb / 33P
LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com