Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4128AMF-3.3/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.3/NOPB
Description  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4128AMF-3.3/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
LM4128
VIN
EN
GND
VREF
Input
Enable
Output
CIN
R1
500 :
RSET
1 k:
I OUT
R L
0.1 µF
IGND
IOUT = (VREF/(R1 + RSET)) + IGND
LM4128
VIN
EN
GND
VREF
Input
Enable
+5V
100 k:
0.1 µF
V
V
REF_FORCE
REF_SENSE
CIN
LM4128
VIN
EN
GND
VREF
Input
Enable
V
REF
CIN
C
OUT
R
R
R/2
-V
REF
+5V
-5V
4.7 µF < C
OUT < 10 µF
LM4128, LM4128Q
www.ti.com
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
PRINTED CIRCUIT BOARD and LAYOUT CONSIDERATIONS
References in SOT packages are generally less prone to PC board mounting than devices in Small Outline
(SOIC) packages. To minimize the mechanical stress due to PC board mounting that can cause the output
voltage to shift from its initial value, mount the reference on a low flex area of the PC board, such as near the
edge or a corner.
The part may be isolated mechanically by cutting a U shape slot on the PCB for mounting the device. This
approach also provides some thermal isolation from the rest of the circuit.
Bypass capacitors must be mounted close to the part. Mounting bypass capacitors close to the part will reduce
the parasitic trace components thereby improving performance.
Typical Application Circuits
Figure 18. Voltage Reference with Complimentary Output
Figure 19. Precision Voltage Reference with Force and Sense Output
Figure 20. Programmable Current Source
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com