Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025CMTC/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025CMTC/NOPB
Description  LM5025C Active Clamp Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025CMTC/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5025CMTC/NOPB Datasheet HTML 1Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 2Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 3Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 4Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LOGIC
VIN
REF
SS
90 PA
RT
LOGIC
PGND
AGND
5V
REFERENCE
OSCILLATOR
CLK
CS1
TIME
0.5V
0.5V
PWM
5k
5V
1V
R
S
Q
Q
SS
FF RAMP
CS2
RAMP
SLOPE D TO VIN
CLK + LEB
7.6V SERIES
REGULATOR
OUT_B
DRIVER
VCC
COMP
SS
SS Amp
(Sink Only)
MAX V*S
CLAMP
SYNC
UVLO
HYSTERESIS
(20 PA)
2.5V
+
-
UVLO
+
-
OUT_A
DRIVER
VCC
VCC
VCC
UVLO
2.5V
89 PA
DEADTIME
OR
OVERLAP
CONTROL
+
-
+
-
+
-
ENABLE
OUTPUTS
LM5025C
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
15
SYNC
Oscillator UP/DOWN synchronization input
The internal oscillator can be synchronized to an external
clock with a frequency 20% lower than the internal
oscillator’s free running frequency. There is no constraint
on the maximum sync frequency.
16
UVLO
Line Under-Voltage shutdown
An external voltage divider from the power source sets the
shutdown comparator levels. The comparator threshold is
2.5V. Hysteresis is set by an internal current source (20
µA) that is switched on or off as the UVLO pin potential
crosses the 2.5V threshold.
Block Diagram
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5025C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com