Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5033 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5033 Datasheet(HTML) 2 Page - Texas Instruments

  LM5033 Datasheet HTML 1Page - Texas Instruments LM5033 Datasheet HTML 2Page - Texas Instruments LM5033 Datasheet HTML 3Page - Texas Instruments LM5033 Datasheet HTML 4Page - Texas Instruments LM5033 Datasheet HTML 5Page - Texas Instruments LM5033 Datasheet HTML 6Page - Texas Instruments LM5033 Datasheet HTML 7Page - Texas Instruments LM5033 Datasheet HTML 8Page - Texas Instruments LM5033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM5033
SNVS181B – APRIL 2004 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
1
Vin
Input Voltage
Input to the start-up regulator. Input range is 15V to 90V,
with transient capability to 100V .
2
REF
2.5V precision reference output
Sink only, requires an external pull-up resistor. This can
be used as a reference for external circuitry.
3
COMP
PWM Input
Feedback to the PWM comparator’s inverting input,
through a 3:1 divider. The output duty cycle increases as
this pin’s voltage increases. Internally there is a 5k
Ω
pullup to +5.2V.
4
VCC
9.6V output from the internal high voltage series pass
An external voltage (10V - 15V) can be applied to this pin
regulator
to shutdown the internal regulator, thereby reducing
internal dissipation. An internal diode connects Vcc to
Vin.
5
OUT1
Gate Driver Output #1
Alternating output gate driver, which can source and sink
1.5A.
6
OUT2
Gate Driver Output #2
Alternating output gate driver, which can source and sink
1.5A.
7
GND
Ground pin for all internal circuitry
Connections to external ground must be done with care
for optimum performance. See the Functional Description
and Application Information Section for more information.
8
CS
Current sense input
Current sense input for the current limit detection. If CS
exceeds 0.5V the outputs are disabled and the softstart
pin is discharged to ground.
9
RT/ SYNC
Oscillator timing resistor pin and synchronization input
An external resistor to ground sets the oscillator
frequency. This pin will also accept ac-coupled
synchronization pulses from an external source.
10
SS
Softstart pin
An internal 10µA current source and an external
capacitor set the soft-start timing. This pin can be
externally pulled to below 0.5V to disable the output
drivers.
WSON
SUB
Die Substrate
The exposed die attach pad on the WSON package
DAP
should be connected to a PCB thermal pad at ground
potential. For additional information on using Texas
Instruments's No Pull Back WSON package, please refer
to Application Note AN-1187.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com