Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5035AMH/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 24Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 25Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 26Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 27Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 28Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 29Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 30Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 31Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LM5035A
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
Table 2. Differences between LM5035, LM5035A, LM5035A-1, LM5035B, and LM5035C(1)(2)
Performance Feature:
LM5035
LM5035A
LM5035A-1
LM5035B
LM5035C
Sync Rectifier Dead-time Ratio
2:1
3:1
3:1
3:1
3:1
(T1:T2)
Soft-start: Hiccup Mode Charging
50µA:1µA
100µA:1µA
100µA:1µA
100µA:1µA
100µA:1µA
Current
Bootstrap (HB-HS) Under-Voltage
5V
3.9V
3.9V
3.9V
3.9V
Lockout
Start-up Regulator Current
20mA (min)
25mA (min)
25mA (min)
40mA (min)
40mA (min)
SR State in UVLO Shutdown and
High
High
High
Low
Low
Hiccup Current Limit
HO,LO On-Time at Max Duty Cycle
0.5*T-T1–70 ns
0.5*T-T1–70 ns
0.5*T-T1–70 ns
0.5*T-T1
0.5*T-T1
Soft-Stop after
HO,LO
Yes
Yes
Yes
Yes
No
UVLO
SR1,2
Yes
Yes
Yes
No
No
SR1, SR2 VOH (high state output)
VCC
VCC
VCC
VCC
REF (5V)
Package
HTSSOP-20,
HTSSOP-20,
HTSSOP-28
HTSSOP–20,
HTSSOP-20,
WQFN-24
WQFN-24
WQFN-24
WQFN-24
(1)
T1 = Delay from SR1, SR2 to leading edge of HO, LO
(2)
T
= Period of HO or LO
28
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com