Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5041ASD/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041ASD/NOPB
Description  LM5041A Cascaded PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041ASD/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5041ASD/NOPB Datasheet HTML 6Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 7Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 8Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 9Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 10Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 11Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 12Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 13Page - Texas Instruments LM5041ASD/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM5041A
SNVS350B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
DETAILED OPERATING DESCRIPTION
The LM5041A PWM controller contains all of the features necessary to implement either current-fed or voltage-
fed push-pull or bridge power converters. These “Cascaded” topologies are well suited for multiple output and
higher power applications. The LM5041A’s four control outputs include: the buck stage controls (HD and LD) and
the push-pull control outputs (PUSH and PULL). Push-pull outputs are driven at 50% nominal duty cycle at one
half of the switching frequency of the buck stage and can be configured for either an overlap time (for current-fed
applications) or a both-off time (for voltage-fed applications). Push-pull stage MOSFETs can be driven directly
from the internal gate drivers while the buck stage requires an external driver such as the LM5102. The
LM5041A includes a high-voltage start-up regulator that operates over a wide input range of 15V to 100V. The
PWM controller is designed for high-speed capability including an oscillator frequency range up to 1 MHz and
total propagation delays of less than 100ns. Additional features include: line Under-Voltage Lockout (UVLO), soft-
start, an error amplifier, precision voltage reference, and thermal shutdown.
High Voltage Start-Up Regulator
The LM5041A contains an internal high-voltage start-up regulator, thus the input pin (Vin) can be connected
directly to the line voltage. The regulator output is internally current limited to 15mA. When power is applied, the
regulator is enabled and sources current into an external capacitor connected to the Vcc pin. The recommended
capacitance range for the Vcc regulator is 0.1uF to 100uF. When the voltage on the Vcc pin reaches the
regulation point of 9V and the internal voltage reference (REF) reaches its regulation point of 5V, the controller
outputs are enabled. The Buck stage outputs will remain enabled until Vcc falls below 7V or the line Under-
Voltage Lockout detector indicates that Vin is out of range. The push-pull outputs continue switching until the
REF pin voltage falls below approximately 3V. In typical applications, an auxiliary transformer winding is
connected through a diode to the Vcc pin. This winding must raise the Vcc voltage above 9.3V to shut off the
internal start-up regulator. Powering VCC from an auxiliary winding improves efficiency while reducing the
controller's power dissipation. The recommended capacitance range for the Vref regulator output is 0.1uF to
10uF.
The external VCC capacitor must be sized such that the capacitor maintains a VCC voltage greater than 7V during
the initial start-up. During a fault mode when the converter auxiliary winding is inactive, external current draw on
the VCC line should be limited so the power dissipated in the start-up regulator does not exceed the maximum
power dissipation of the controller.
An external start-up or other bias rail can be used instead of the internal start-up regulator by connecting the VCC
and the VIN pins together and feeding the external bias voltage into the two pins.
Line Under-Voltage Detector
The LM5041A contains a line Under-Voltage Lockout (UVLO) circuit. An external set-point resistor divider from
VIN to ground sets the operational range of the converter. The divider must be designed such that the voltage at
the UVLO pin will be greater than 2.5V when VIN is in the desired operating range. If the Under-Voltage threshold
is not met, all functions of the controller are disabled and the controller will enter a low-power state with input
current <300µA. ULVO hysteresis is accomplished with an internal 20µA current source that is switched on or off
into the impedance of the set-point divider. When the UVLO threshold is exceeded, the current source is
activated to instantly raise the voltage at the UVLO pin. When the UVLO pin falls below the 2.5V threshold, the
current source is turned off causing the voltage at the UVLO pin to fall. The UVLO pin can also be used to
implement a remote enable / disable function. By shorting the UVLO pin to ground, the converter can be
disabled.
Buck Stage Control Outputs
The LM5041A Buck switch maximum duty cycle clamp ensures that there will be sufficient off time each cycle to
recharge the bootstrap capacitor used in the high side gate driver. The Buck switch remains off, and the sync
switch remains on, for at least 250ns per switching cycle. The Buck stage control outputs (LD and HD) are
CMOS buffers with logic levels of 0 to 5V.
During any fault state or Under-Voltage off state, the buck stage control outputs will default to HD low and LD
high.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com