Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115MTC/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115MTC/NOPB
Description  Secondary Side Post Regulator / Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115MTC/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5115MTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5115MTC/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
CRMIX
HS
Phase or CLK
Leading Edge
Modulation
CV
RAMP
ERROR
AMP
RAMP
75K
SS
FB
COMP
PWM
40k
100k
0.7V
0.75V
CLK
Isync x 3
CRMIX
CV
BUFFER
CRAMP
LM5115
www.ti.com
SNVS343E – MARCH 2005 – REVISED MARCH 2013
Error Amplifier and Soft-Start (FB, CO, & COMP, SS)
An internal wide bandwidth error amplifier is provided within the LM5115 for voltage feedback to the PWM
controller. The amplifier’s inverting input is connected to the FB pin. The output of the auxiliary converter is
regulated by connecting a voltage setting resistor divider between the output and the FB pin. Loop compensation
networks are connected between the FB pin and the error amplifier output (COMP). The amplifier’s non-inverting
input is internally connected to the SS pin. The SS pin is biased at 0.75V by a resistor divider connected to the
internal 1.27V bandgap reference. When the VCC voltage is below the UVLO threshold, the SS pin is discharged
to ground. When VCC rises and exceeds the positive going UVLO threshold (4.25V), the SS pin is released and
allowed to rise. If an external capacitor is connected to the SS pin, it will be charged by the internal resistor
divider to gradually increase the non-inverting input of the error amplifier to 0.75V. The equivalent impedance of
the SS resistor divider is nominally 60k
Ω which determines the charging time constant of the SS capacitor.
During start-up, the output of the LM5115 converter will follow the exponential equation:
VOUT(t) = VOUT(final) x (1 - exp(-t/RSS x CSS))
where
•
Rss = internal resistance of SS pin (60k
Ω)
•
Css = external Soft-Start capacitor
•
VOUT(final) = regulator output set point
(3)
The initial
Δv / Δt of the output voltage is VOUT(final) / Rss x Css and VOUT will be within 1% of the final
regulation level after 4.6 time constants or when t = 4.6 x Rss x Css.
Pull-up current for the error amplifier output is provided by an internal 300µA current source. The PWM threshold
signal at the COMP pin can be controlled by either the open drain error amplifier or the open drain current
amplifier connected through the CO pin to COMP. Since the internal error amplifier is configured as an open
drain output it can be disabled by connecting FB to ground. The current sense amplifier and current limiting
function will be described in a later section.
Leading Edge Pulse Width Modulation
Unlike conventional voltage mode controllers, the LM5115 implements leading edge pulse width modulation. A
current source equal to 3 times the ISYNC current is used to charge the capacitor connected to the RAMP pin as
shown in Figure 15. The ramp signal and the output of the error amplifier (COMP) are combined through a
resistor network to produce a voltage ramp with variable dc offset (CRMIX in Figure 15). The high side MOSFET
which drives the HS pin is held in the off state at the beginning of the phase signal. When the voltage of CRMIX
exceeds the internal threshold voltage CV, the PWM comparator turns on the high side MOSFET. The HS pin
rises and the MOSFET delivers current from the main converter phase signal to the output of the auxiliary
regulator. The PWM cycle ends when the phase signal falls and power is no longer supplied to the drain of the
high side MOSFET.
Figure 15. Synchronization and Leading Edge Modulation
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com