Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L36166 Datasheet(PDF) 5 Page - AMIC Technology

Part # A23L36166
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36166 Datasheet(HTML) 5 Page - AMIC Technology

  A23L36166 Datasheet HTML 1Page - AMIC Technology A23L36166 Datasheet HTML 2Page - AMIC Technology A23L36166 Datasheet HTML 3Page - AMIC Technology A23L36166 Datasheet HTML 4Page - AMIC Technology A23L36166 Datasheet HTML 5Page - AMIC Technology A23L36166 Datasheet HTML 6Page - AMIC Technology A23L36166 Datasheet HTML 7Page - AMIC Technology A23L36166 Datasheet HTML 8Page - AMIC Technology A23L36166 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A23L36166/A23L361662 Series
PRELIMINARY
(December, 2009, Version 0.2)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
Ambient Operating Temperature . . . . . . . . 0
°C to + 70°C
Storage Temperature . . . . . . . . . . . . . . -65
°C to + 125°C
Output Voltage . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C, VCC = 2.7V~3.6V, GND = 0V)
Symbol
Parameter
Min.
Max.
Unit
Conditions
Note
VOH
Output High Voltage
2.4
V
IOH = -0.4mA (3V)
VOL
Output Low Voltage
0.4
V
IOL = 1.6mA (3V)
VlH
Input High Voltage
2.2
VCC + 0.3
V
VlL
Input Low Voltage
-0.3
0.6
V
⎢lLI⎥
Input Leakage Current
+10
μA
VCC = max.
VIN = VCC to GND
⎢lLO⎥
Output Leakage Current
+10
μA
VCC = max.
VOUT = VCC to GND
1
ICC
Operating Supply Current
50
mA
tCYC = min.
2
ISB
Standby Supply Current (TTL)
1.5
mA
CE = VIH
ISB1
Standby Supply Current (CMOS)
30
μA
CE ≥ VCC - 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com