Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX4402 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLSX4402
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4402 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLSX4402 Datasheet HTML 5Page - ON Semiconductor NLSX4402 Datasheet HTML 6Page - ON Semiconductor NLSX4402 Datasheet HTML 7Page - ON Semiconductor NLSX4402 Datasheet HTML 8Page - ON Semiconductor NLSX4402 Datasheet HTML 9Page - ON Semiconductor NLSX4402 Datasheet HTML 10Page - ON Semiconductor NLSX4402 Datasheet HTML 11Page - ON Semiconductor NLSX4402 Datasheet HTML 12Page - ON Semiconductor NLSX4402 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NLSX4402
www.onsemi.com
9
TIMING CHARACTERISTICS − OPEN DRAIN DRIVING CONFIGURATIONS (continued)
(I/O test circuit of Figures 5 and 6, CLOAD = 15 pF, driver output impedance ≤ 50 W, RLOAD = 1 MW)
Symbol
Unit
−40
5C to +855C
(Notes 6 & 7)
Test Conditions
Parameter
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
VL = 5.5 V, VCC = 1.5 V
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
12
24
ns
tEN
Enable Time
100
ns
tDIS
Disable Time
300
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
3
Mbps
VL = 5.5 V, VCC = 5.5 V
tRVCC
I/O VCC Rise Time
42
50
ns
tFVCC
I/O VCC Fall Time
2
3
ns
tRVL
I/O VL Rise Time
44
48
ns
tFVL
I/O VL Fall Time
2
3
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
4
6
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
6
9
ns
tEN
Enable Time
60
ns
tDIS
Disable Time
225
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
7
Mbps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Typical values are for the specified VL and VCC at TA = +25°C. All units are production tested at TA = +25°C.
7. Limits over the operating temperature range are guaranteed by design.
8. Skew is the variation of propagation delay between output signals and applies only to output signals on the same port (I/O_VLn or I/O_VCCn)
and switching with the same polarity (LOW−to−HIGH or HIGH−to−LOW). Skew is defined by applying a single input to the two input channels
and measuring the difference in propagation delays between the output channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com