Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4358 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4358
Description  SMB Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4358 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4358 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4358 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMB Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Configuration
Connector
SMB Plug
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.509 [12.93]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.41 [10.41]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMB Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE4358
URL:
http://www.pasternack.com/smb-plug-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe4358-p.aspx
PE4358
PE4358 REV 01
SMB Plug Right Angle Connector Clamp/Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE4358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4358 PASTERNACK-PE4358 Datasheet
315Kb / 3P
SMB Plug Right Angle Connector Clamp/Solder Attachment
PE4358 PASTERNACK-PE4358_16 Datasheet
315Kb / 3P
SMB Plug Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE4358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE4362 PASTERNACK-PE4362 Datasheet
231Kb / 3P
SMB Jack Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4877 PASTERNACK-PE4877 Datasheet
221Kb / 3P
MCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4900 PASTERNACK-PE4900 Datasheet
216Kb / 2P
MMCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44453 PASTERNACK-PE44453 Datasheet
211Kb / 2P
MMCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4359 PASTERNACK-PE4359 Datasheet
218Kb / 3P
SMC Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com