Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4522 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4522
Description  SMB Plug Right Angle Connector Crimp - Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4522 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4522 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4522 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4522 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMB Plug
Connector Specification
MIL-STD-348A
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
335
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.77 [19.56]
Width/Dia., in [mm]
0.275 [6.99]
Height, in [mm]
0.551 [14]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Plug
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Right Angle Connector Crimp/Solder Attachment For RG58 PE4522
PE4522
PE4522 REV 1
SMB Plug Right Angle Connector Crimp/
Solder Attachment For RG58


Similar Part No. - PE4522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4522 PASTERNACK-PE4522 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE45222 PASTERNACK-PE45222 Datasheet
347Kb / 4P
QN Male Snap-On Connector Crimp/Solder Attachment for LMR-240, PE-C240
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
PE45224 PASTERNACK-PE45224 Datasheet
345Kb / 3P
QMA Male Snap-On Connector Crimp/Solder Attachment for LMR-200, PE-C200
PE45227 PASTERNACK-PE45227 Datasheet
362Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 735A1
More results

Similar Description - PE4522

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE44248 PASTERNACK-PE44248 Datasheet
248Kb / 2P
1.0/2.3 Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4523 PASTERNACK-PE4523 Datasheet
258Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG58
PE45193 PASTERNACK-PE45193 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment for RG58
PE44295 PASTERNACK-PE44295 Datasheet
458Kb / 2P
FME Plug Connector Crimp/Solder Attachment For RG58
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4522 PASTERNACK-PE4522_16 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com