Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4790 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4790
Description  RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4790 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4790 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4790 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4790 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
SMA Male Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.672 [17.07]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.44 [11.18]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Stainless Steel, Gold
Coupling Nut Plating Specification
MIL-G-45204
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
RG402 PE4790
PE4790
PE4790 REV 01
RP SMA Male Right Angle Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE4790

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4791 PASTERNACK-PE4791 Datasheet
258Kb / 2P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4793 PASTERNACK-PE4793 Datasheet
221Kb / 3P
RP SMA Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4794 PASTERNACK-PE4794 Datasheet
90Kb / 1P
REVERSE POLARITY SMA FEMALE SOLDER ATTACHMENT FOR RG55 RG58 RG142 RG223 RG400
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
More results

Similar Description - PE4790

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4671 PASTERNACK-PE4671 Datasheet
309Kb / 3P
RP TNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4852 PASTERNACK-PE4852 Datasheet
264Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44693 PASTERNACK-PE44693 Datasheet
844Kb / 3P
SMA Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44498 PASTERNACK-PE44498 Datasheet
227Kb / 3P
QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44604 PASTERNACK-PE44604 Datasheet
226Kb / 3P
QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com