Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSASC150W100LR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSASC150W100LR
Description  LOW LEAKAGE SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC150W100LR Datasheet(HTML) 1 Page - Microsemi Corporation

  MSASC150W100LR Datasheet HTML 1Page - Microsemi Corporation MSASC150W100LR Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N6823
(MSASC150W100L)
1N6823R
(MSASC150W100LR)
100 Volts
150 Amps
Features
• Tungsten/Platinum schottky barrier
• Oxide passivated structure for very low leakage currents
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
Very low thermal resistance
Available as standard polarity (strap-to-anode, 1N6823) and reverse
polarity (strap-to-cathode: 1N6823R)
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
100
Volts
Working Peak Reverse Voltage
VRWM
100
Volts
DC Blocking Voltage
VR
100
Volts
Average Rectified Forward Current, Tc
≤125°C
IF(ave)
150
Amps
derating, forward current, Tc
≥ 125°C
dIF/dT
4
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
750
Amps
Peak Repetitive Reverse Surge Current, tp= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Thermal Resistance, Junction to Case:
1N6823
1N6823R
θ
JC
0.20
0.35
°C/W
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical Outline
ThinKey™ 3
Datasheet# MSC1028A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
LOW LEAKAGE
SCHOTTKY DIODE
Low expansion
coef. metal (W or
Mo), Ni plated
Cu/Invar/Cu,
Ni plated
ceramic


Similar Part No. - MSASC150W100LR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSASC150W45L MICROSEMI-MSASC150W45L Datasheet
72Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC150W45LR MICROSEMI-MSASC150W45LR Datasheet
72Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - MSASC150W100LR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6819 MICROSEMI-1N6819 Datasheet
88Kb / 2P
LOW LEAKAGE CURRENT SCHOTTKY DIODE
1N6820 MICROSEMI-1N6820 Datasheet
88Kb / 2P
LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W45H MICROSEMI-MSASC100W45H Datasheet
39Kb / 2P
SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350 Datasheet
90Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 4
logo
Central Semiconductor C...
CPD87R CENTRAL-CPD87R Datasheet
710Kb / 2P
Low Leakage Schottky Diode Chip
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350_15 Datasheet
166Kb / 4P
40V LOW LEAKAGE SCHOTTKY DIODE
Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com